Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 19Page - STMicroelectronics STLC1502 Datasheet HTML 20Page - STMicroelectronics STLC1502 Datasheet HTML 21Page - STMicroelectronics STLC1502 Datasheet HTML 22Page - STMicroelectronics STLC1502 Datasheet HTML 23Page - STMicroelectronics STLC1502 Datasheet HTML 24Page - STMicroelectronics STLC1502 Datasheet HTML 25Page - STMicroelectronics STLC1502 Datasheet HTML 26Page - STMicroelectronics STLC1502 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
23/81
STLC1502
6.5.1 The DMA Descriptors Chain
The Descriptor list is the mean the CPU and the DMA_MAC use to communicate each other in order to
transmit/receive frames on the cable. This list must be properly prepared before initiating any transfer
activity to/from the cable. The Descriptor is produced by the CPU and consumed by the DMA_MAC.
A Descriptor is a 16-bytes element which provides the DMA_MAC with information about how to
transmit/receive a single frame and how to report the transfer status back to the CPU.
A Descriptor can be stored in any main memory location with a 32-bit aligned address.
The first 3 words stored in a Descriptor are expected to be the values of the 3 DMA_MAC registers
describing a DMA transfer (DMA_Cntl, DMA_Addr and DMA_Next). When the DMA_MAC fetches a
Descriptor it loads this three values into its own corresponding registers.
The last word is to be used by the DMA_MAC to report the transfer status.
6.5.2 The Descriptor control bits
The Descriptor keeps information about a single frame transfer and how to access the next Descriptor.
The following discussion is related to 3 bits of the Descriptor: the VALID bit, the NXT_EN bit and the
NPOL_EN bit.
The Descriptor can be accessed simultaneously by the CPU and the DMA_MAC. This concurrent access
is synchronized by the VALID bit in the DMA_Cntl register. When the VALID bit is equal to 0 then the
CPU is the owner of the Descriptor. Otherwise the owner is the DMA_MAC. Since the Descriptor can be
accessed in write mode by the owner only at any time, race conditions are guaranteed to never happen.
The NXT_EN bit enables the fetch of the Next Descriptor. When the DMA_MAC finds this bit set to 0 then
its activity is considered to be completed as soon as the current descriptor DMA transfers have been
completed.
The NPOL_EN bit enables the DMA_MAC to keep polling for a non-valid Descriptor until its VALID bit is
set to one. When the DMA_MAC finds both the NPOL_EN bit and the VALID bit set to 0 then its activity is
considered to be completed.
DMA_Cntl
DMA_Addr
DMA_Next
Tx/Rx_Status
DMA_Cntl
DMA_Addr
DMA_Next
Tx/Rx_Status
DMA_Cntl
DMA_Addr
DMA_Next
Tx/Rx_Status
Frame 0
Frame 1
Frame n
. . .
Descr 1
Descr 2
Descr n
(4 X 4 Bytes)
(4 X 4 Bytes)
(4 X 4 Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com