Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 41Page - STMicroelectronics STLC1502 Datasheet HTML 42Page - STMicroelectronics STLC1502 Datasheet HTML 43Page - STMicroelectronics STLC1502 Datasheet HTML 44Page - STMicroelectronics STLC1502 Datasheet HTML 45Page - STMicroelectronics STLC1502 Datasheet HTML 46Page - STMicroelectronics STLC1502 Datasheet HTML 47Page - STMicroelectronics STLC1502 Datasheet HTML 48Page - STMicroelectronics STLC1502 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
45/81
STLC1502
By default, it operates in slave mode. The interface automatically switches from slave to master after it
generates a START condition and from master to slave in case of arbitration loss or a STOP generation,
allowing then Multi-Master capability.
In Master mode, it initiates a data transfer and generates the clock signal. A serial data transfer always
begins with a start condition and ends with a stop condition. Both start and stop conditions are generated
in master mode by software.
In Slave mode, the interface is capable of recognizing its own address (7 or 10 bits), and the General Call
address. The General Call address detection may be enabled or disabled by software.
Data and addresses are transferred as 8-bit bytes, MSB first. The first byte(s) following the start condition
contain the address (one in 7-bit mode, two in 10-bit mode). The address is always transmitted in Master
mode. A 9th clock pulse follows the 8 clock cycles of a byte transfer, during which the receiver must send
an acknowledge bit to the transmitter.
•
Acknowledge may be enabled and disabled by software. The I 2 C interface address and/or general
call address can be selected by software. The speed of the I 2 C interface may be selected between
Standard (0-100KHz) and Fast I2C (100-400KHz).
•
In transmitter mode the interface holds the clock in low before transmission to wait for the microcon-
troller to write the byte in the Data Register.
•
In receiver mode: the interface holds the clock line low after reception to wait for the microcontroller
to read the byte in the Data Register.
•
The SCL frequency (Fscl) is controlled by a programmable clock divider which depends on the I 2 C
bus mode.
•
When the I2C cell is enabled, the SDA and SCL ports must be configured as floating inputs. In this
case, the value of the external pull-up resistor used depends on the application.
7.6.3 Functional Description
Refer to the CR, SR1 and SR2 registers in register map section for the bit definitions.
By default the I 2 C interface operates in Slave mode (M/SL bit is cleared) except when it initiates a trans-
mit or receive sequence. First the interface frequency must be configured using the FRi bits in the OAR2
register.
7.6.3.1 Slave mode
As soon as a start condition is detected, the address is received from the SDA line and sent to the shift
register; then it is compared with the address of the interface or the General Call address (if selected by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com