Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 15Page - STMicroelectronics STLC1502 Datasheet HTML 16Page - STMicroelectronics STLC1502 Datasheet HTML 17Page - STMicroelectronics STLC1502 Datasheet HTML 18Page - STMicroelectronics STLC1502 Datasheet HTML 19Page - STMicroelectronics STLC1502 Datasheet HTML 20Page - STMicroelectronics STLC1502 Datasheet HTML 21Page - STMicroelectronics STLC1502 Datasheet HTML 22Page - STMicroelectronics STLC1502 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
19/81
STLC1502
•
Defines the data width of the external memory device:
•
00 - Byte (8 bit)
•
01 - Half Word (16 bit)
•
10 - Word (32 bit)
DATALAT: Data Latency
•
Defines the number of memory clock cycles between the start of a memory read access and the first
valid data.
•
The DATALAT value is valid between 0 and 3.
SETUPTIME: Setup Time
•
Defines the number of memory clock cycles the memory driver spends in the DECODE state before
accessing the external memory.
•
The SETUPTIME value is valid between 0 and 7.
IDLETIME: Idle Time
•
Defines the minimum time the memory driver must spend in the IDLE state following memory
accesses.
•
The value defines the number of Memory Clock cycles.
•
The IDLETIME value is valid between 0 and 7.
SDRAMCOL: SDRAM Column Width Definition
•
Specifies the width of the SDRAM column address:
•
00 - 8 bits
•
01 - 9 bits
•
10 - 10 bits
•
11 - reserved
6.3.1.2 SDRAM Configuration registers
These registers are write only. A write access to the high registers will start the SDRAM configuration cycle,
during which the value written to the register will be asserted on the memory bus for a one clock period.
Low SDRAM Configuration Registers
MIAB: Memory Interface Address Bus
High SDRAM Configuration Registers
15
14
13
12
11
10
98765
43210
Reserved
MIAB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
MIVE
MIAA
MISA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com