Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 102 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 102 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 98Page - Lattice Semiconductor ECP2 Datasheet HTML 99Page - Lattice Semiconductor ECP2 Datasheet HTML 100Page - Lattice Semiconductor ECP2 Datasheet HTML 101Page - Lattice Semiconductor ECP2 Datasheet HTML 102Page - Lattice Semiconductor ECP2 Datasheet HTML 103Page - Lattice Semiconductor ECP2 Datasheet HTML 104Page - Lattice Semiconductor ECP2 Datasheet HTML 105Page - Lattice Semiconductor ECP2 Datasheet HTML 106Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 386 page
background image
www.latticesemi.com
4-1
DS1006 Pinout Information_01.9
August 2008
Data Sheet DS1006
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Signal Descriptions
Signal Name
I/O
Description
General Purpose
P[Edge] [Row/Column Number*]_[A/B]
I/O
[Edge] indicates the edge of the device on which the pad is located. Valid
edge designations are L (Left), B (Bottom), R (Right), T (Top).
[Row/Column Number] indicates the PFU row or the column of the device on
which the PIC exists. When Edge is T (Top) or B (Bottom), only need to spec-
ify Row Number. When Edge is L (Left) or R (Right), only need to specify Col-
umn Number.
[A/B] indicates the PIO within the PIC to which the pad is connected. Some of
these user-programmable pins are shared with special function pins. These
pins, when not used as special purpose pins, can be programmed as I/Os for
user logic. During configuration the user-programmable I/Os are tri-stated
with an internal pull-up resistor enabled. If any pin is not used (or not bonded
to a package pin), it is also tri-stated with an internal pull-up resistor enabled
after configuration.
GSRN
I
Global RESET signal (active low). Any I/O pin can be GSRN.
NC
—
No connect.
GND
—
Ground. Dedicated pins.
VCC
—
Power supply pins for core logic. Dedicated pins.
VCCAUX
—
Auxiliary power supply pin. This dedicated pin powers all the differential and
referenced input buffers.
VCCIOx
—
Dedicated power supply pins for I/O bank x.
VCCPLL
—
PLL supply pins. Should be tied to VCC even when the corresponding PLL is
unused.
VREF1_x, VREF2_x
—
Reference supply pins for I/O bank x. Pre-determined pins in each bank are
assigned as VREF inputs. When not used, they may be used as I/O pins.
XRES
4
—
10K ohm +/-1% resistor must be connected between this pad and ground.
PLLCAP
4
—
External capacitor connection for PLL.
PLL, DLL and Clock Functions (Used as user programmable I/O pins when not in use for PLL or clock pins)
[LOC][num]_VCCPLL
—
Power supply pin for PLL: ULM, LLM, URM, LRM, num = row from center.
[LOC][num]_GPLL[T, C]_IN_A
I
General Purpose PLL (GPLL) input pads: ULM, LLM, URM, LRM, num = row
from center, T = true and C = complement, index A,B,C...at each side.
[LOC][num]_GPLL[T, C]_FB_A
I
Optional feedback GPLL input pads: ULM, LLM, URM, LRM, num = row from
center, T = true and C = complement, index A,B,C...at each side.
[LOC][num]_SPLL[T, C]_IN_A
I
Secondary PLL (SPLL) input pads: ULM, LLM, URM, LRM, num = row from
center, T = true and C = complement, index A,B,C...at each side.
[LOC][num]_SPLL[T, C]_FB_A
I
Optional feedback (SPLL) input pads: ULM, LLM, URM, LRM, num = row
from center, T = true and C = complement, index A,B,C...at each side.
[LOC][num]_DLL[T, C]_IN_A
I
DLL input pads: ULM, LLM, URM, LRM, num = row from center, T = true and
C = complement, index A,B,C...at each side.
[LOC][num]_DLL[T, C]_FB_A
I
Optional feedback (DLL) input pads: ULM, LLM, URM, LRM, num = row from
center, T = true and C = complement, index A,B,C...at each side.
PCLK[T, C]_[n:0]_[3:0]
I
Primary Clock pads, T = true and C = complement, n per side, indexed by
bank and 0,1,2,3 within bank.
LatticeECP2/M Family Data Sheet
Pinout Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com