Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 104 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 104 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 100Page - Lattice Semiconductor ECP2 Datasheet HTML 101Page - Lattice Semiconductor ECP2 Datasheet HTML 102Page - Lattice Semiconductor ECP2 Datasheet HTML 103Page - Lattice Semiconductor ECP2 Datasheet HTML 104Page - Lattice Semiconductor ECP2 Datasheet HTML 105Page - Lattice Semiconductor ECP2 Datasheet HTML 106Page - Lattice Semiconductor ECP2 Datasheet HTML 107Page - Lattice Semiconductor ECP2 Datasheet HTML 108Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 386 page
background image
4-3
Pinout Information
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
[LOC]_SQ_VCCIBm
—
Input buffer power supply, channel m (1.2V/1.5V). This pin should be left float-
ing if the channel is unused.
[LOC]_SQ_VCCOBm
—
Output buffer power supply, channel m (1.2V/1.5V). This pin should be left
floating if the channel is unused.
[LOC]_SQ_HDOUTNm
O
High-speed output, negative channel m
[LOC]_SQ_HDOUTPm
O
High-speed output, positive channel m
[LOC]_SQ_HDINNm
I
High-speed input, negative channel m
[LOC]_SQ_HDINPm
I
High-speed input, positive channel m
[LOC]_SQ_VCCTXm
4
—
Transmitter power supply, channel m (1.2V). This pin must be tied to 1.2V
even if the channel is unused.
[LOC]_SQ_VCCRXm
4
—
Receiver power supply, channel m (1.2V). This pin must be tied to 1.2V even if
the channel is unused.
1. These signals are relevant for LatticeECP2M family.
2. m defines the associated channel in the Quad.
3. These signals are defined in Quads [LOC] indicates the corner SERDES Quad is located: ULC (upper left), URC (upper right), LLC (lower
left), LRC (lower right).
4. When placing switching I/Os around these critical pins that are designed to supply the device with the proper reference or supply voltage,
care must be given. For more information, refer to technical note TN1159, LatticeECP2/M Pin Assignment Recommendations.
Signal Descriptions (Cont.)
Signal Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com