Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 65 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 61Page - STMicroelectronics STPCELITE Datasheet HTML 62Page - STMicroelectronics STPCELITE Datasheet HTML 63Page - STMicroelectronics STPCELITE Datasheet HTML 64Page - STMicroelectronics STPCELITE Datasheet HTML 65Page - STMicroelectronics STPCELITE Datasheet HTML 66Page - STMicroelectronics STPCELITE Datasheet HTML 67Page - STMicroelectronics STPCELITE Datasheet HTML 68Page - STMicroelectronics STPCELITE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 87 page
background image
DESIGN GUIDELINES
Release 1.3 - January 29, 2002
65/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
6.3.4. PCI BUS
The PCI bus is always active and the following
control signals must be pulled-up to 3.3V or 5V
through 2K2 resistors even if this bus is not
connected to an external device: FRAME#,
TRDY#, IRDY#, STOP#, DEVSEL#, LOCK#,
SERR#, PCI_REQ#[2:0].
PCI_CLKO must be connected to PCI_CLKI
through a 10 to 33 Ohms resistor. Figure 6-7
shows a typical implementation.
For more information on layout constraints, go to
the place and route recommendations section.
In the case of higher clock load it is recommended
to use a zero-delay clock buffer as described in
Figure 6-8. This approach is also recommended
when
implementing
the
delay
on
PCICLKI
according to the PCI section of the Electrical
Specifications chapter.
Figure 6-7. Typical PCI clock routing
PCICLKI
PCICLKO
PCICLKA
PCICLKB
PCICLKC
0 - 22
10 - 33
Device A
Device B
Device C
0 - 33pF
Figure 6-8. PCI clock routing with zero-delay clock buffer
PCICLKI
PCICLKO
Device A
Device B
Device C
PLL
Device D
PCICLKI
PCICLKO
Device A
Device B
Device C
PLL
Device D
CY2305
CY2305
Implementation 1
Implementation 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com