Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 39 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 35Page - STMicroelectronics STPCELITE Datasheet HTML 36Page - STMicroelectronics STPCELITE Datasheet HTML 37Page - STMicroelectronics STPCELITE Datasheet HTML 38Page - STMicroelectronics STPCELITE Datasheet HTML 39Page - STMicroelectronics STPCELITE Datasheet HTML 40Page - STMicroelectronics STPCELITE Datasheet HTML 41Page - STMicroelectronics STPCELITE Datasheet HTML 42Page - STMicroelectronics STPCELITE Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.3 - January 29, 2002
39/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
4.5.2 RESET SEQUENCE
Figure 4-4 describes the reset sequence of the
STPC, also called warm reset.
The constraints on the strap options and the bus
activities are the same as for the cold reset.
The SYSRSTI# pulse duration must be long
enough to have all the strap options stabilized and
must be adjusted depending on resistor values.
It is mandatory to have a clean reset pulse without
glitches as the STPC could then sample invalid
strap option setting and enter into an umpredicta-
ble mode.
While SYSRSTI# is active, the PCI clock PLL runs
in open loop mode at a speed of few 100’s KHz.
Figure 4-4. Reset timing diagram
S trap O ptions
SYSRSTI#
SYSRSTO #
14 M Hz
VA LID CONFIG URATIO N
HCLK
PCI_CLK
2.3 m s
IS AC LK
1.6 V
MD[63:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com