Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 7Page - STMicroelectronics STPCELITE Datasheet HTML 8Page - STMicroelectronics STPCELITE Datasheet HTML 9Page - STMicroelectronics STPCELITE Datasheet HTML 10Page - STMicroelectronics STPCELITE Datasheet HTML 11Page - STMicroelectronics STPCELITE Datasheet HTML 12Page - STMicroelectronics STPCELITE Datasheet HTML 13Page - STMicroelectronics STPCELITE Datasheet HTML 14Page - STMicroelectronics STPCELITE Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
PIN DESCRIPTION
Release 1.3 - January 29, 2002
11/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
2. PIN DESCRIPTION
2.1. INTRODUCTION
The
STPC
Elite
integrates
most
of
the
functionalities of the PC architecture. As a result,
many of the traditional interconnections between
the host PC microprocessor and the peripheral
devices are totally internal to the STPC Elite. This
offers improved performance due to the tight
coupling
of
the
processor
core
and
these
peripherals. As a result many of the external pin
connections are made directly to the on-chip
peripheral functions.
Figure 2-1 shows the STPC Elite external
interfaces. It defines the main buses and their
function.
Table
2-1
describes
the
physical
implementation listing signals type and their
functionality. Table 2-2 provides a full pin listing
and description of pins. Table 2-7 provides a full
listing of pin locations of the STPC Elite package
by physical connection.
Note: Several interface pins are multiplexed with
other functions, refer to Table 2-4 and Table 2-5
for further details
Table 2-1. Signal Description
Group name
Qty
Basic Clocks reset & Xtal
6
Memory Interface
96
PCI interface
56
ISA
79
90
IDE
34
Local Bus
50
Grounds
69
VDD
22
Miscellaneous
8
GPIO
16
Unconnected
25
Total Pin Count
388
Figure 2-1. STPC Elite External Interfaces
SOUTH
NORTH
PCI
x86
SDRAM I/F
SYS
ISA/IDE/LB
96
56
6
90
STPC Elite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com