Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 50 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 46Page - STMicroelectronics STPCELITE Datasheet HTML 47Page - STMicroelectronics STPCELITE Datasheet HTML 48Page - STMicroelectronics STPCELITE Datasheet HTML 49Page - STMicroelectronics STPCELITE Datasheet HTML 50Page - STMicroelectronics STPCELITE Datasheet HTML 51Page - STMicroelectronics STPCELITE Datasheet HTML 52Page - STMicroelectronics STPCELITE Datasheet HTML 53Page - STMicroelectronics STPCELITE Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 87 page
background image
ELECTRICAL SPECIFICATIONS
50/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
The Table 4-12 below refers to Vh, Va, Vs which
are the register value for Setup time, Active Time
and Hold time, as described in the Programming
Manual.
Table 4-12. Local Bus cycle lenght
Cycle
Tsetup
Tactive
Thold
Tend
Unit
Memory (FCSx#)
4 + Vh
2 + Va
4 + Vs
4
HCLK
Peripheral (IOCSx#)
8 + Vh
3 + Va
4 + Vs
4
HCLK
Table 4-13. Local Bus Interface AC Timing
Name
Parameters
Min
Max
Units
HCLK to PA bus
-
15
nS
HCLK to PD bus
-
15
nS
HCLK to FCS#[1:0]
-
15
nS
HCLK to IOCS#[3:0]
-
15
nS
HCLK to PWR#[1:0]
-
15
nS
HCLK to PRD#[1:0]
-
15
nS
PD[15:0] Input setup to HCLK
-
4
nS
PD[15:0] Input hold to HCLK
2
-
nS
PRDY Input setup to HCLK
-
4
nS
PRDY Input hold to HCLK
2
-
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com