Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 12Page - STMicroelectronics STPCELITE Datasheet HTML 13Page - STMicroelectronics STPCELITE Datasheet HTML 14Page - STMicroelectronics STPCELITE Datasheet HTML 15Page - STMicroelectronics STPCELITE Datasheet HTML 16Page - STMicroelectronics STPCELITE Datasheet HTML 17Page - STMicroelectronics STPCELITE Datasheet HTML 18Page - STMicroelectronics STPCELITE Datasheet HTML 19Page - STMicroelectronics STPCELITE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
PIN DESCRIPTION
16/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
2.2. SIGNAL DESCRIPTIONS
2.2.1. BASIC CLOCKS AND RESETS
SYSRSTI# System Reset/Power good. This input
is low when the reset switch is depressed.
Otherwise, it reflects the power supply’s power
good signal. This input is asynchronous to all
clocks, and acts as a negative active reset. The
reset circuit initiates a hard reset on the rising
edge of this signal.
SYSRSTO#
Reset Output to System. This is the
system reset signal and is used to reset the rest of
the components (not on Host bus) in the system.
The ISA bus reset is an externally inverted
buffered version of this output and the PCI bus
reset is an externally buffered version of this
output.
XTALI
14.3 MHz Crystal Input
XTALO 14.3 MHz Crystal Output. These pins are
provided for the connection of an external 14.318
MHz crystal to provide the reference clock for the
internal frequency synthesizer, from which all
other clock signals are generated.
The 14.318 MHz series-cut fundamental (not
overtone) mode quartz crystal must have an
Equivalent Series Resistance (ESR, sometimes
referred to as Rm) of less then 50 Ohms (typically
8 Ohms) and a shunt capacitance (Co) of less
than 7 pF. Balance capacitors of 16 pF should
also be added, one connected to each pin.
In the event of an external oscillator providing the
master clock signal to the STPC Elite device, the
TTL signal should be connected to XTALI.
HCLK
Host Clock. This clock supplies the CPU
and the host related blocks. This clock can e
doubled inside the CPU and is intended to operate
in the range of 25 to 100 MHz. This clock in
generated internally from a PLL but can be driven
directly from the external system.
GP_CLK
General Purpose clock. This clock is
programmable and its frequency can be as high
as 135 MHz.
2.2.2. MEMORY INTERFACE
MCLKI Memory Clock Input. This clock is driving
the SDRAM controller. This input should be a
buffered version of the MCLKO when more than 4
SDRAM chips are used. Go to section 6.3 for
more details.
MCLKO
Memory Clock Output. This clock is
driving the SDRAM devices and is generated from
an internal PLL. The default value is 66 MHz.
CS#[2]/MA[11] Chip Select/ Bank Address This
pin is CS#[2] in the case when 16 Mbit devices are
used. For all other densities, it becomes MA[11].
CS#[3]/MA[12]/BA[1]
Chip
Select/
Memory
Address/ Bank Address This pin is CS#[3] in the
case when 16Mbit devices are used. For all other
densities, it becomes MA[12] when 2 internal
banks devices are used and BA[1] when 4 internal
bank devices are used.
MA[10:0]
Memory Address. Multiplexed row and
column address lines.
BA[0] Memory Bank Address.
CS#[1:0] Chip Select. These signals are used to
disable or enable device operation by masking or
enabling all SDRAM inputs except MCLK, CKE,
and DQM.
MD[63:0] Memory Data. This is the 64-bit memory
data bus. MD[40-0] are read by the device strap
option registers during rising edge of SYSRSTI#.
RAS#[1:0] Row Address Strobe. There are two
active-low row address strobe output signals. The
RAS# signals drive the memory devices directly
without any external buffering.
CAS#[1:0] Column Address Strobe. There are
two active-low column address strobe output
signals. The CAS# signals drive the memory
devices directly without any external buffering.
MWE#
Write Enable. Write enable specifies
whether the memory access is a read (MWE# = H)
or a write (MWE# = L).
DQM#[7:0] Data Mask. Makes data output Hi-Z
after the clock and masks the SDRAM outputs.
Blocks SDRAM data input when DQM active.
2.2.3. PCI INTERFACE
PCI_CLKI 33 MHz PCI Input Clock. This signal is
the PCI bus clock input and should be driven from
the PCI_CLKO pin.
PCI_CLKO 33 MHz PCI Output Clock. This is the
master PCI bus clock output.
AD[31:0] PCI Address/Data. This is the 32-bit
multiplexed address and data bus of the PCI. This
bus is driven by the master during the address
phase and data phase of write transactions. It is
driven by the target during data phase of read
transactions.
CBE#[3:0]
Bus Commands/Byte Enables. These
are the multiplexed command and byte enable
signals of the PCI bus. During the address phase
they define the command and during the data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com