Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 10Page - STMicroelectronics STPCELITE Datasheet HTML 11Page - STMicroelectronics STPCELITE Datasheet HTML 12Page - STMicroelectronics STPCELITE Datasheet HTML 13Page - STMicroelectronics STPCELITE Datasheet HTML 14Page - STMicroelectronics STPCELITE Datasheet HTML 15Page - STMicroelectronics STPCELITE Datasheet HTML 16Page - STMicroelectronics STPCELITE Datasheet HTML 17Page - STMicroelectronics STPCELITE Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
PIN DESCRIPTION
14/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
IDE CONTROL
DA[2:0]
O
BD8STRUP_FT
Address Bus
3
DD[15:12]
I/O
BD4STRP_FT
Data Bus
4
DD[11:0]
I/O
BD8STRUP_FT
Data Bus
12
PCS3#,PCS1#,SCS3#,SCS1#
O
BD8STRUP_FT
Primary & Secondary Chip Selects
4
DIORDY
O
BD8STRUP_FT
Data I/O Ready
1
PIRQ, SIRQ
I
BD4STRP_FT
Primary & Secondary Interrupt Request
2
PDRQ, SDRQ
I
BD4STRP_FT
Primary & Secondary DMA Request
2
PDACK#, SDACK#
O
BD8STRP_FT
Primary & Secondary DMA
Acknowledge
2
PDIOR#, SDIOR#
O
BD8STRUP_FT
Primary & Secondary I/O Channel Read
2
PDIOW#, SDIOW#
O
BD8STRP_FT
Primary & Secondary I/O Channel Write
2
MISCELLANEOUS
GPIO[15:0]
I/O
BD4STRP_FT
General Purpose I/Os
16
SPKRD
O
BD4STRP_FT
Speaker Device Output
1
SCL
I/O
BD4STRUP_FT
I²C Interface - Clock / Can be used for
VGA DDC[1] signal
1
SDA
I/O
BD4STRUP_FT
I²C Interface - Data / Can be used for
VGA DDC[0] signal
1
SCAN_ENABLE
I
TLCHTD_TC
Reserved (Test pin)
1
TCLK
I
BD4STRP_FT
Test clock
1
TDI
I
BD4STRP_FT
Test data input
1
TMS
I
BD4STRP_FT
Test mode input
1
TDO
O
BD4STRP_FT
Test data output
1
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Buffer Type2
Description
Qty
Note1: These pins must be connected to the 2.5 V power supply. They must not be connected to the 3.3V supply.
Note2: See Table 2-3 for buffer type descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com