Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 1 Page - STMicroelectronics

  STPCELITE Datasheet HTML 1Page - STMicroelectronics STPCELITE Datasheet HTML 2Page - STMicroelectronics STPCELITE Datasheet HTML 3Page - STMicroelectronics STPCELITE Datasheet HTML 4Page - STMicroelectronics STPCELITE Datasheet HTML 5Page - STMicroelectronics STPCELITE Datasheet HTML 6Page - STMicroelectronics STPCELITE Datasheet HTML 7Page - STMicroelectronics STPCELITE Datasheet HTML 8Page - STMicroelectronics STPCELITE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
STPC
® ELITE
X86 Core General Purpose PC Compatible System - on - Chip
Release 1.3 - January 29, 2002
1/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Logic Diagram
s
POWERFUL X86 PROCESSOR
s
64-BIT SDRAM CONTROLLER AT 100MHz
s
INTEGRATED PCI NORTH / SOUTH
BRIDGE CONTROLLER
s
ISA MASTER / SLAVE / DMA
s
16-BIT LOCAL BUS INTERFACE FOR LOW
COST AND EMBEDDED APPLICATIONS
s
EIDE CONTROLLER
s
INTEGRATED PERIPHERAL CONTROLLER
- DMA CONTROLLER
- INTERRUPT CONTROLLER
- TIMER / COUNTERS
s
POWER MANAGEMENT UNIT
s
I²C INTERFACE
s
16 ENHANCED GENERAL PURPOSE I/Os.
s
JTAG IEEE1149.1
s
PROGRAMMABLE OUTPUT CLOCK UP TO
135MHz
s
COMMERCIAL AND INDUSTRIAL TEM-
PERATURE RANGES
DESCRIPTION
The STPC Elite integrates a fully static x86
processor up to 133 MHz, fully compatible with
standard x86 processors, and combines it with
powerful chipset to provide a general purpose PC
compatible subsystem on a single device. The
device is packaged in a 388 Ball Grid Array
(PBGA).
The STPC Elite has a low voltage operation with
VCORE = 2.5V and has 5V tolerant I/Os (3.3V
output levels).
PBGA388
ST
PC
EL
ITE
x86
Core
Host I/F
SDRAM
CONTROL
PCI
I/F
PCI
ISA
I/F
EIDE
ctrl
PCI
I/F
ISA BUS
EIDE
L.B.
I/F
LOCAL BUS
IPC
JTAG
PMU


Similar Part No. - STPCELITE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPC0310BTC3 STMICROELECTRONICS-STPC0310BTC3 Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
STPC0310BTI3 STMICROELECTRONICS-STPC0310BTI3 Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
STPC0366BTC3 STMICROELECTRONICS-STPC0366BTC3 Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
STPC0366BTI3 STMICROELECTRONICS-STPC0366BTI3 Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
STPC0375BTC3 STMICROELECTRONICS-STPC0375BTC3 Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
More results

Similar Description - STPCELITE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCATLAS STMICROELECTRONICS-STPCATLAS Datasheet
1Mb / 111P
X86 Core PC Compatible System-on-Chip for Terminals
24-Jul-2002
STPCCONSUMER-II STMICROELECTRONICS-STPCCONSUMER-II Datasheet
1Mb / 93P
X86 Core PC Compatible Information Appliance System-on-Chip
29-Jan-2002
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
LIN core system basis chip
Rev. 02-27 May 2010
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
02-Oct-2013
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
NXP Semiconductors
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
LIN core system basis chip
Rev. 2 ??31 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com