Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 38 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 34Page - STMicroelectronics STPCELITE Datasheet HTML 35Page - STMicroelectronics STPCELITE Datasheet HTML 36Page - STMicroelectronics STPCELITE Datasheet HTML 37Page - STMicroelectronics STPCELITE Datasheet HTML 38Page - STMicroelectronics STPCELITE Datasheet HTML 39Page - STMicroelectronics STPCELITE Datasheet HTML 40Page - STMicroelectronics STPCELITE Datasheet HTML 41Page - STMicroelectronics STPCELITE Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
ELECTRICAL SPECIFICATIONS
38/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
4.5.1. POWER ON SEQUENCE
Figure 4-3 describes the power-on sequence of
the STPC, also called cold reset.
There is no dependency between the different
power supplies and there is no constraint on their
rising time.
SYSRSTI# as no constraint on its rising edge but
must stay active until power supplies are all within
specifications,
a
margin
of
10
µs is even
recommended to let the STPC PLLs and strap
options stabilize.
Strap Options are continuously sampled during
SYSRSTI# low and must remain stable. Once
SYSRSTI# is high, they MUST NOT CHANGE
until SYSRSTO# goes high.
Bus activity starts only few clock cycles after the
release of SYSRSTO#. The toggling signals
depend on the STPC configuration.
In ISA mode, activity is visible on PCI prior to the
ISA bus as the controller is part of the south
bridge.
In Local Bus mode, the PCI bus is not accessed
and the Flash Chip Select is the control signal to
monitor.
Figure 4-3. Power-on timing diagram
S trap O ptions
Power Supplies
SYSRSTI#
SYSRSTO #
14 M H z
1.6 V
VALID CONFIG URATION
> 10 us
HCLK
PC I_C LK
2.3 m s
ISA C LK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com