Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 56 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 52Page - STMicroelectronics STPCELITE Datasheet HTML 53Page - STMicroelectronics STPCELITE Datasheet HTML 54Page - STMicroelectronics STPCELITE Datasheet HTML 55Page - STMicroelectronics STPCELITE Datasheet HTML 56Page - STMicroelectronics STPCELITE Datasheet HTML 57Page - STMicroelectronics STPCELITE Datasheet HTML 58Page - STMicroelectronics STPCELITE Datasheet HTML 59Page - STMicroelectronics STPCELITE Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
MECHANICAL DATA
56/87
Release 1.3 - January 29, 2002
5.2. 388-PIN PACKAGE THERMAL DATA
The
388-pin
PBGA package has a Power
Dissipation Capability of 4.5W. This increases to
6W when used with a Heatsink.
The structure in shown in Figure 5-4.
Thermal dissipation options are illustrated in
Figure 5-5 and Figure 5-6.
Figure 5-4. 388-Pin PBGA structure
Thermal balls
Power & Ground layers
Signal layers
Figure 5-5. Thermal Dissipation Without Heatsink
Ambient
Board
Case
Junction
Board
Ambient
Ambient
Case
Junction
Board
Rca
Rjc
Rjb
Rba
66
125
8.5
Rja = 13 °C/W
Airflow = 0
Board dimensions:
The PBGA is centred on board
Copper thickness:
- 17µm for internal layers
- 34µm for external layers
- 10.2 cm x 12.7 cm
- 4 layers (2 for signals, 1 GND, 1VCC)
There are no other devices
1 via pad per ground ball (8-mil wire)
40% copper on signal layers
Board temperature taken at the centrecentre ba



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com