Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 35 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 31Page - STMicroelectronics STPCELITE Datasheet HTML 32Page - STMicroelectronics STPCELITE Datasheet HTML 33Page - STMicroelectronics STPCELITE Datasheet HTML 34Page - STMicroelectronics STPCELITE Datasheet HTML 35Page - STMicroelectronics STPCELITE Datasheet HTML 36Page - STMicroelectronics STPCELITE Datasheet HTML 37Page - STMicroelectronics STPCELITE Datasheet HTML 38Page - STMicroelectronics STPCELITE Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.3 - January 29, 2002
35/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Note 1: PCI clock at 33MHz
Table 4-4. 2.5V Power Consumptions (VCORE + VDD_x_PLL)
HCLK
(MHz)
CPUCLK
(MHz)
MCLK
(MHz)
Mode
PMU
(State)
PMax (W)
V2.5V=2.45V
V2.5V=2.7V
66
66 (x1)
66
SYNC
Stop Clock
0.7
0.9
Full Speed
0.9
1.2
100
100 (x1)
100
Stop Clock
1.1
1.4
Full Speed
1.4
1.9
66
133 (x2)
66
Stop Clock
0.8
1.1
Full Speed
1.3
1.7
66
133 (x2)
100
ASYNC
Stop Clock
1.0
1.4
Full Speed
1.5
2.0
Table 4-5. 3.3V Power Consumptions (VDD)
HCLK
(MHz)
CPUCLK
(MHz)
MCLK
(MHz)
PMU
(State)
PMax
(mW)
66
66 (x1)
66
Full Speed
70
100
100 (x1)
100
90
66
133 (x2)
66
80
66
133 (x2)
100
100
Table 4-6. PLL Power Consumptions
PLL name
PMax (mW)
VDD_PLL = 2.45V
VDD_PLL = 2.7V
VDD_GPCLK_PLL
5
10
VDD_HCLKI_PLL
5
10
VDD_HCLKO_PLL
5
10
VDD_MCLKI_PLL
5
10
VDD_MCLKO_PLL
5
10
VDD_PCICLK_PLL
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com