Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 71 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 67Page - STMicroelectronics STPCELITE Datasheet HTML 68Page - STMicroelectronics STPCELITE Datasheet HTML 69Page - STMicroelectronics STPCELITE Datasheet HTML 70Page - STMicroelectronics STPCELITE Datasheet HTML 71Page - STMicroelectronics STPCELITE Datasheet HTML 72Page - STMicroelectronics STPCELITE Datasheet HTML 73Page - STMicroelectronics STPCELITE Datasheet HTML 74Page - STMicroelectronics STPCELITE Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
DESIGN GUIDELINES
Release 1.3 - January 29, 2002
71/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
6.4. PLACE AND ROUTE
RECOMMENDATIONS
6.4.1. GENERAL RECOMMENDATIONS
Some STPC Interfaces run at high speed and
need to be carefully routed or even shielded like:
1) Memory Interface
2) PCI bus
3) 14 MHz oscillator stage
All clock signals have to be routed first and
shielded for speeds of 27MHz or higher. The high
speed signals follow the same constraints, as for
the memory and PCI control signals.
The next interfaces to be routed are Memory and
PCI.
All the analog noise-sensitive signals have to be
routed in a separate area and hence can be
routed indepedently.
Figure 6-15. Shielding signals
ground ring
ground pad
shielded signal line
ground pad
shielded signal lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com