Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 41 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 37Page - STMicroelectronics STPCELITE Datasheet HTML 38Page - STMicroelectronics STPCELITE Datasheet HTML 39Page - STMicroelectronics STPCELITE Datasheet HTML 40Page - STMicroelectronics STPCELITE Datasheet HTML 41Page - STMicroelectronics STPCELITE Datasheet HTML 42Page - STMicroelectronics STPCELITE Datasheet HTML 43Page - STMicroelectronics STPCELITE Datasheet HTML 44Page - STMicroelectronics STPCELITE Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.3 - January 29, 2002
41/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
4.5.4. PCI INTERFACE
Table 4-9 lists the AC characteristics of the PCI in-
terface.
Table 4-9. PCI Bus AC Timing
Name
Parameter
Min
Max
Unit
PCI_CLKI to AD[31:0] valid
-
9.3
ns
PCI_CLKI to FRAME valid
-
7.14
ns
PCI_CLKI to CBE[3:0] valid
-
7.94
ns
PCI_CLKI to PAR valid
-
9.34
ns
PCI_CLKI to TRDY valid
-
8.8
ns
PCI_CLKI to IRDY valid
-
7.74
ns
PCI_CLKI to STOP valid
-
9.4
ns
PCI_CLKI to DEVSEL valid
-
8.5
ns
PCI_CLKI to PCI_GNT valid
-
7.14
ns
AD[31:0] bus setup to PCI_CLKI
5.42
ns
FRAME setup to PCI_CLKI
5.03
ns
CBE[3:0] setup to PCI_CLKI
6.37
ns
IRDY setup to PCI_CLKI
4.52
ns
PCI_REQ[2:0] setup to PCI_CLKI
5.29
ns
AD[31:0] bus hold from PCI_CLKI
-0.91
ns
FRAME hold from PCI_CLKI
-1.8
ns
CBE[3:0] hold to PCI_CLKI
-2.9
ns
IRDY hold to PCI_CLKI
-1.6
ns
PCI_REQ[2:0] hold from PCI_CLKI
-3.49
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com