Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 13Page - STMicroelectronics STPCELITE Datasheet HTML 14Page - STMicroelectronics STPCELITE Datasheet HTML 15Page - STMicroelectronics STPCELITE Datasheet HTML 16Page - STMicroelectronics STPCELITE Datasheet HTML 17Page - STMicroelectronics STPCELITE Datasheet HTML 18Page - STMicroelectronics STPCELITE Datasheet HTML 19Page - STMicroelectronics STPCELITE Datasheet HTML 20Page - STMicroelectronics STPCELITE Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
PIN DESCRIPTION
Release 1.3 - January 29, 2002
17/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
phase they carry the byte enable information.
These pins are inputs when a PCI master other
than the STPC Elite owns the bus and outputs
when the STPC Elite owns the bus.
FRAME#
Cycle Frame. This is the frame signal of
the PCI bus. It is an input when a PCI master owns
the bus and is an output when STPC Elite owns
the PCI bus.
IRDY# Initiator Ready. This is the initiator ready
signal of the PCI bus. It is used as an output when
the STPC Elite initiates a bus cycle on the PCI
bus. It is used as an input during the PCI cycles
targeted to the STPC Elite to determine when the
current PCI master is ready to complete the
current transaction.
TRDY#
Target Ready. This is the target ready
signal of the PCI bus. It is driven as an output
when the STPC Elite is the target of the current
bus transaction. It is used as an input when STPC
Elite initiates a cycle on the PCI bus.
LOCK#
PCI Lock. This is the lock signal of the PCI
bus and is used to implement the exclusive bus
operations when acting as a PCI target agent.
DEVSEL# I/O Device Select. This signal is used
as an input when the STPC Elite initiates a bus
cycle on the PCI bus to determine if a PCI slave
device has decoded itself to be the target of the
current transaction. It is asserted as an output
either when the STPC Elite is the target of the
current PCI transaction or when no other device
asserts DEVSEL# prior to the subtractive decode
phase of the current PCI transaction.
STOP#
Stop Transaction. Stop is used to
implement the disconnect, retry and abort protocol
of the PCI bus. It is used as an input for the bus
cycles initiated by the STPC Elite and is used as
an output when a PCI master cycle is targeted to
the STPC Elite.
PAR
Parity Signal Transactions. This is the parity
signal of the PCI bus. This signal is used to
guarantee
even
parity
across
AD[31:0],
CBE#[3:0], and PAR. This signal is driven by the
master during the address phase and data phase
of write transactions. It is driven by the target
during data phase of read transactions. (Its
assertion is identical to that of the AD bus delayed
by one PCI clock cycle)
SERR#
System Error. This is the system error
signal of the PCI bus. It may, if enabled, be
asserted for one PCI clock cycle if target aborts a
STPC Elite initiated PCI transaction. Its assertion
by either the STPC Elite or by another PCI bus
agent will trigger the assertion of NMI to the host
CPU. This is an open drain output.
PCI_REQ#[2:0]
PCI Request. This pin are the
three external PCI master request pins. They
indicates to the PCI arbiter that the external
agents desire use of the bus.
PCI_GNT#[2:0]
PCI Grant. These pins indicate
that the PCI bus has been granted to the master
requesting it on its PCIREQ#.
PCI_INT[3:0] PCI Interrupt Request. These are
the PCI bus interrupt signals.
2.2.4. ISA INTERFACE
ISA_CLK, ISA_CLKX2 ISA Clock x1, x2. These
pins generate the Clock signal for the ISA bus and
a Doubled Clock signal. They are also used as the
multiplexer control lines for the Interrupt Controller
Interrupt input lines. ISA_CLK is generated from
either PCICLK/4 or OSC14M/ 2.
OSC14M
ISA bus synchronisation clock Output.
This is the buffered 14.318 MHz clock for the ISA
bus.
LA[23:17] Unlatched Address. When the ISA bus
is active, these pins are ISA Bus unlatched
address for 16-bit devices. When ISA bus is
accessed by any cycle initiated from PCI bus,
these pins are in output mode. When an ISA bus
master owns the bus, these pins are in input
mode.
SA[19:0]
ISA Address Bus. System address bus
of ISA on 8-bit slot. These pins are used as an
input when an ISA bus master owns the bus and
are outputs at all other times.
SD[15:0] I/O Data Bus. These pins are the
external databus to the ISA bus.
ALE Address Latch Enable. This is the address
latch enable output of the ISA bus and is asserted
by the STPC Elite to indicate that LA23-17, SA19-
0, AEN and SBHE# signals are valid. The ALE is
driven high during refresh, DMA master or an ISA
master cycles by the STPC Elite. ALE is driven
low after reset.
MEMR#
Memory Read. This is the memory read
command signal of the ISA bus. It is used as an
input when an ISA master owns the bus and is an
output at all other times.
The MEMR# signal is active during refresh.
MEMW#
Memory Write. This is the memory write
command signal of the ISA bus. It is used as an
input when an ISA master owns the bus and is an
output at all other times.
SMEMR# System Memory Read. The STPC Elite
generates SMEMR# signal of the ISA bus only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com