Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 36Page - STMicroelectronics STPCELITE Datasheet HTML 37Page - STMicroelectronics STPCELITE Datasheet HTML 38Page - STMicroelectronics STPCELITE Datasheet HTML 39Page - STMicroelectronics STPCELITE Datasheet HTML 40Page - STMicroelectronics STPCELITE Datasheet HTML 41Page - STMicroelectronics STPCELITE Datasheet HTML 42Page - STMicroelectronics STPCELITE Datasheet HTML 43Page - STMicroelectronics STPCELITE Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
ELECTRICAL SPECIFICATIONS
40/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
4.5.3. SDRAM INTERFACE
Figure 4-5 and Table 4-8 list the AC characteris-
tics of the SDRAM interface. The MCLKx clocks
are the input clock of the SDRAM devices
The PC133 memory is recommended to reach
100MHz operation.
Figure 4-5. SDRAM Timing Diagram
MCLKI
STPC.output
STPC.input
MCLKx
Tdelay
Tsetup
Thold
Toutput (min)
Toutput (max)
Tcycle
Thigh
Tlow
Table 4-8. SDRAM Bus AC Timing
Name
Parameter
Min
Typ
Max
Unit
Tcycle
MCLKI Cycle Time
10
ns
Thigh
MCLKI High Time
4
ns
Tlow
MCLKI Low Time
4
ns
MCLKI Rising Time
1
ns
MCLKI Falling Time
1
ns
Tdelay
MCLKx to MCLKI delay
-2
ns
Toutput
MCLKI to Outputs Valid
5.2
8.7
ns
MCLKI to DQM[ ] Outputs Valid
4.7
10.9
ns
MCLKI to MD[ ] Outputs Valid
5.1
10.9
ns
Tsetup
MD[63:0] setup to MCKLI without RDCLK
0.8
1.8
ns
Thold
MD[63:0] hold from MCKLI without RDCLK
0.8
1.6
ns
Note: These timing are for a load of 50pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com