Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 15Page - STMicroelectronics STPCELITE Datasheet HTML 16Page - STMicroelectronics STPCELITE Datasheet HTML 17Page - STMicroelectronics STPCELITE Datasheet HTML 18Page - STMicroelectronics STPCELITE Datasheet HTML 19Page - STMicroelectronics STPCELITE Datasheet HTML 20Page - STMicroelectronics STPCELITE Datasheet HTML 21Page - STMicroelectronics STPCELITE Datasheet HTML 22Page - STMicroelectronics STPCELITE Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
PIN DESCRIPTION
Release 1.3 - January 29, 2002
19/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
RMRTCCS# ROM/Real Time clock chip select.
This signal is asserted if a ROM access is
decoded during a memory cycle. It should be
combined with MEMR# or MEMW# signals to
properly access the ROM. During a IO cycle, this
signal is asserted if access to the Real Time Clock
(RTC) is decoded. It should be combined with IOR
or IOW# signals to properly access the real time
clock.
KBCS#
Keyboard Chip Select. This signal is
asserted if a keyboard access is decoded during a
I/O cycle.
RTCRW# Real Time Clock RW. This pin is a multi-
function pin. When ISAOE# is active, this signal is
used as RTCRW#. This signal is asserted for any
I/O write to port 71H.
RTCDS# Real Time Clock DS. This pin is a multi-
function pin. When ISAOE# is active, this signal is
used as RTCDS# This signal is asserted for any I/
O read to port 71H. Its polarity complies with the
DS pin of the MT48T86 RTC device when
configured with Intel timings.
Note:
RMRTCCS#,
KBCS#,
RTCRW#
and
RTCDS# signals must be ORed externally with
ISAOE# and then connected to the external
device. An LS244 or equivalent function can be
used if OE# is connected to ISAOE# and the
output is provided with a weak pull-up resistor as
shown in Design Guidelines chapter.
2.2.6. LOCAL BUS
PA[23:0] Address Bus Output.
PD[15:0] Data Bus. This is the 16-bit data bus.
D[7:0] is the LSB and PD[15:8] is the MSB.
PRD#[1:0] Read Control output. PRD0# is used to
read the LSB and PRD1# to read the MSB.
PWR#[1:0] Write Control output. PWR0# is used
to write the LSB and PWR1# to write the MSB.
PRDY Data Ready input. This signal is used to
create wait states on the bus. When high, it
completes the current cycle.
FCS#[1:0] Flash Chip Select output. These are
the Programmable Chip Select signals for up to 2
banks of Flash memory.
IOCS#[3:0] I/O Chip Select output. These are the
Programmable Chip Select signals for up to 4
external I/O devices.
2.2.7. IDE INTERFACE
DA[2:0] Address. These signals are connected to
DA[2:0] of IDE devices directly or through a buffer.
If the toggling of signals are to be masked during
ISA bus cycles, they can be externally ORed with
ISAOE# before being connected to the IDE
devices.
DD[15:0]
Databus. When the IDE bus is active,
they serve as IDE signals DD[11:0]. IDE devices
are connected to SA[19:8] directly and ISA bus is
connected to these pins through two LS245
transceivers as described in Design Guidelines
chapter.
PCS1#, PCS3#
Primary Chip Select. These
signals are used as the active high primary master
& slave IDE chip select signals. These signals
must be externally ANDed with the ISAOE# signal
before driving the IDE devices to guarantee it is
active only when ISA bus is idle.
SCS1#, SCS3# Secondary Chip Select. These
signals are used as the active high secondary
master & slave IDE chip select signals. These
signals must be externally ANDed with the
ISAOE# signal before driving the IDE devices to
guarantee it is active only when ISA bus is idle.
DIORDY Busy/Ready. This pin serves as IDE
signal DIORDY.
PIRQ Primary Interrupt Request.
SIRQ Secondary Interrupt Request.
Interrupt request from IDE channels.
PDRQ Primary DMA Request.
SDRQ Secondary DMA Request.
DMA request from IDE channels.
PDACK# Primary DMA Acknowledge.
SDACK# Secondary DMA Acknowledge.
DMA acknowledge to IDE channels.
PDIOR#, PDIOW# Primary I/O Read & Write.
SDIOR#, SDIOW# Secondary I/O Read & Write.
Primary & Secondary channel read & write.
2.2.8. JTAG INTERFACE
TCLK Test clock
TDI Test data input
TMS Test mode input
TDO Test data output
2.2.9. MISCELLANEOUS
GPIO[15:0] General Purpose I/Os
SPKRD Speaker Drive. This the output to the
speaker and is an AND of the counter 2 output
with bit 1 of Port 61, and drives an external speak-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com