Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 29Page - STMicroelectronics STPCELITE Datasheet HTML 30Page - STMicroelectronics STPCELITE Datasheet HTML 31Page - STMicroelectronics STPCELITE Datasheet HTML 32Page - STMicroelectronics STPCELITE Datasheet HTML 33Page - STMicroelectronics STPCELITE Datasheet HTML 34Page - STMicroelectronics STPCELITE Datasheet HTML 35Page - STMicroelectronics STPCELITE Datasheet HTML 36Page - STMicroelectronics STPCELITE Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.3 - January 29, 2002
33/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
4. ELECTRICAL SPECIFICATIONS
4.1. INTRODUCTION
The electrical specifications in this chapter are
valid for the STPC Elite.
4.2. ELECTRICAL CONNECTIONS
4.2.1.
POWER/GROUND
CONNECTIONS/
DECOUPLING
Due to the high frequency of operation of the
STPC Elite, it is necessary to install and test this
device using standard high frequency techniques.
The high clock frequencies used in the STPC Elite
and its output buffer circuits can cause transient
power surges when several output buffers switch
output levels simultaneously. These effects can
be minimized by filtering the DC power leads with
low-inductance decoupling capacitors, using low
impedance wiring, and by utilizing all of the VSS
and VDD pins.
4.2.2. UNUSED INPUT PINS
No unused input pin should be left unconnected
unless they have an integrated pull-up or pull-
down. Connect active-low inputs to VDD through a
20 k
Ω (±10%) pull-up resistor and active-high
inputs to VSS. For bi-directionnal active-high
inputs, connect to VSS through a 20 k
Ω (±10%)
pull-up resistor to prevent spurious operation.
4.2.3. RESERVED DESIGNATED PINS
Pins designated as reserved should be left dis-
connected. Connecting a reserved pin to a pull-up
resistor, pull-down resistor, or an active signal
could cause unexpected results and possible
circuit malfunctions.
4.3. ABSOLUTE MAXIMUM RATINGS
The following table lists the absolute maximum
ratings for the STPC Elite device. Stresses
beyond those listed under Table 4-1 limits may
cause permanent damage to the device. These
are stress ratings only and do not imply that
operation under any conditions other than those
specified in section "Operating Conditions".
Exposure to conditions beyond those outlined in
Table 4-1 may (1) reduce device reliability and (2)
result in premature failure even when there is no
immediately apparent sign of failure. Prolonged
exposure to conditions at or near the absolute
maximum ratings (Table 4-1) may also result in
reduced useful life and reliability.
4.3.1. 5V TOLERANCE
The STPC is capable of running with I/O systems
that operate at 5 V such as PCI and ISA devices.
Certain pins of the STPC tolerate inputs up to
5.5 V. Above this limit the component is likely to
sustain permanent damage.
Note 1: The figures specified apply to an STPC device
that is soldered to a board, as detailed in the Design
Guidelines Section, for Commercial and Industrial tem-
perature ranges.
Table 4-1. Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Units
VDDx
DC Supply Voltage
-0.3
4.0
V
VCORE
DC Supply Voltage for Core
-0.3
2.7
V
VI, VO
Digital Input and Output Voltage
-0.3
VDD + 0.3
V
V5T
5Volt Tolerance
-0.3
5.5
V
VESD
ESD Capacity (Human body mode)
-
2000
V
TSTG
Storage Temperature
-40
+150
°C
TOPER
Operating Temperature (Note 1)
0
+70
°C
-40
+85
°C
PTOT
Maximum Power Dissipation (package)
-
4.8
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com