Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 4Page - STMicroelectronics STPCELITE Datasheet HTML 5Page - STMicroelectronics STPCELITE Datasheet HTML 6Page - STMicroelectronics STPCELITE Datasheet HTML 7Page - STMicroelectronics STPCELITE Datasheet HTML 8Page - STMicroelectronics STPCELITE Datasheet HTML 9Page - STMicroelectronics STPCELITE Datasheet HTML 10Page - STMicroelectronics STPCELITE Datasheet HTML 11Page - STMicroelectronics STPCELITE Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
GENERAL DESCRIPTION
8/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
1.4. CLOCK TREE
The STPC Elite integrates many features and
generates all its clocks from a single 14MHz
oscillator. This results in multiple clock domains as
described in Figure 1-2.
The speed of the PLLs is either fixed (DEVCLK),
either programmable by strap option (HCLK)
either
programmable
by
software
(GPCLK,
MCLK). When in synchronized mode, MCLK
speed is fixed to HCLKO speed and HCLKI is
generated from MCLKI.
Figure 1-2. STPC Elite clock architecture
IPC
SDRAM controller
North Bridge
14.31818 MHz
XTALO
XTALI
OSC14M
ISACLK
1/4
GPCLK
GPCLK
PLL
(14MHz)
1/2
HCLK
PLL
PCICLKI
PCICLKO
South Bridge
1/2
1/3
HCLK
MCLK
PLL
MCLKI
MCLKO
CPU
x1
x2
Local Bus
Host
ISA
HCLKI
HCLKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com