Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 26Page - STMicroelectronics STPCELITE Datasheet HTML 27Page - STMicroelectronics STPCELITE Datasheet HTML 28Page - STMicroelectronics STPCELITE Datasheet HTML 29Page - STMicroelectronics STPCELITE Datasheet HTML 30Page - STMicroelectronics STPCELITE Datasheet HTML 31Page - STMicroelectronics STPCELITE Datasheet HTML 32Page - STMicroelectronics STPCELITE Datasheet HTML 33Page - STMicroelectronics STPCELITE Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
STRAP OPTION
30/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
3.1.3. STRAP REGISTER 2 CONFIGURATION
Strap2
Access = 0022h/0023h
Regoffset = 04Ch
76543210
Rsv
MD23
Rsv
MD19
MD18
MD17
MD16
This register defaults to the values sampled on MD[23] and MD[19:16] pins after reset
Bit Number Sampled
Mnemonic
Description
Bits 7-6
Rsv
Reserved
Bit 5
MD23
Reserved
Bit 4
Rsv
Reserved
Bit 3
MD19
Reserved
Bit 2
MD18
Reserved
Bit 1
MD17
This bit, programmed in parallel with MD[4], reflects the value sampled
on MD[17] pin and controls the PCI clock output, as given in Table 3-3.
Bit 0
MD16
Reserved
Table 3-3. PCI Clock Output
MD[4]
MD[17]
Description
0
X
PCI clock output = HCLK / 4
1
0
PCI clock output = HCLK / 3
1
1
PCI clock output = HCLK / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com