Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 31 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 27Page - STMicroelectronics STPCELITE Datasheet HTML 28Page - STMicroelectronics STPCELITE Datasheet HTML 29Page - STMicroelectronics STPCELITE Datasheet HTML 30Page - STMicroelectronics STPCELITE Datasheet HTML 31Page - STMicroelectronics STPCELITE Datasheet HTML 32Page - STMicroelectronics STPCELITE Datasheet HTML 33Page - STMicroelectronics STPCELITE Datasheet HTML 34Page - STMicroelectronics STPCELITE Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
STRAP OPTION
Release 1.3 - January 29, 2002
31/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
3.1.4. HCLK STRAP REGISTER CONFIGURATION
HCLK_Strap
Access = 0022h/0023h
Regoffset = 05Fh
76543210
MD3
MD2
MD26
MD25
MD24
Rsv
This register defaults to the values sampled on MD[3:2] and MD[26:24] pins after reset
Bit Number Sampled
Mnemonic
Description
Bits 7-3
MD[3:2] & [26:24]
These bits reflect the values sampled on MD[3:2] and MD[26:24] pins
respectively and control the Host clock frequency synthesizer, as given
in Table 3-4.
Bits 2-0
Rsv
Reserved
Table 3-4. HCLK Frequency
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
HCLK Frequency
00000
25 MHz
00001
50 MHz
00010
60 MHz
00011
66 MHz
01001
75 MHz
01110
82.5 MHz
10011
90 MHz
11001
100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com