Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 52 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 48Page - STMicroelectronics STPCELITE Datasheet HTML 49Page - STMicroelectronics STPCELITE Datasheet HTML 50Page - STMicroelectronics STPCELITE Datasheet HTML 51Page - STMicroelectronics STPCELITE Datasheet HTML 52Page - STMicroelectronics STPCELITE Datasheet HTML 53Page - STMicroelectronics STPCELITE Datasheet HTML 54Page - STMicroelectronics STPCELITE Datasheet HTML 55Page - STMicroelectronics STPCELITE Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
ELECTRICAL SPECIFICATIONS
52/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
4.5.9 JTAG INTERFACE
Figure
4-12
and
Table
4-15
list
the
AC
characteristics of the JTAG interface.
Figure 4-12. JTAG timing diagram
Table 4-15. JTAG AC Timings
Name
Parameter
Min
Max
Unit
Treset
TRST pulse width
1
Tcycle
Tcycle
TCLK period
400
ns
TCLK rising time
20
ns
TCLK falling time
20
ns
Tjset
TMS setup time
200
ns
Tjhld
TMS hold time
200
ns
Tjset
TDI setup time
200
ns
Tjhld
TDI hold time
200
ns
Tjout
TCLK to TDO valid
30
ns
Tpset
STPC pin setup time
30
ns
Tphld
STPC pin hold time
30
ns
Tpout
TCLK to STPC pin valid
30
ns
TCK
STPC.input
TRST
Treset
Tcycle
STPC.output
TMS,TDI
TDO
Tjset
Tjhld
Tjout
Tpset
Tphld
Tpout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com