Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 21Page - STMicroelectronics STPCELITE Datasheet HTML 22Page - STMicroelectronics STPCELITE Datasheet HTML 23Page - STMicroelectronics STPCELITE Datasheet HTML 24Page - STMicroelectronics STPCELITE Datasheet HTML 25Page - STMicroelectronics STPCELITE Datasheet HTML 26Page - STMicroelectronics STPCELITE Datasheet HTML 27Page - STMicroelectronics STPCELITE Datasheet HTML 28Page - STMicroelectronics STPCELITE Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
PIN DESCRIPTION
Release 1.3 - January 29, 2002
25/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
G24
VDD_CPUCLK_PLL1
F25
VDD_DEVCLK_PLL1
AC17
VDD_MCLKI_PLL1
AC15
VDD_MCLKO_PLL1
F26
VDD_HCLK_PLL1
D11
VDD_CORE1
L23
VDD_CORE1
T4
VDD_CORE1
AC6
VDD_CORE1
D6
VDD
D16
VDD
D21
VDD
F4
VDD
F23
VDD
L4
VDD
T23
VDD
AA4
VDD
AA23
VDD
AC11
VDD
AC16
VDD
AC21
VDD
E25
VDD_PLL_SKEW
A1:2
VSS
A26
VSS
B2
VSS
B25:26
VSS
C3
VSS
C24
VSS
D4
VSS
D9
VSS
D14
VSS
D19
VSS
D23
VSS
H4
VSS
J23
VSS
L11:16
VSS
M11:16
VSS
N4
VSS
N11:16
VSS
P11:16
VSS
P23
VSS
R11:16
VSS
T11:16
VSS
V4
VSS
W23
VSS
AC4
VSS
Pin #
Pin name
For Note definition see Table 2-2
Definition of Signal Pins
AC8
VSS
AC13
VSS
AC18
VSS
AC23
VSS
AD3
VSS
AD14
VSS
AD24
VSS
AE1:2
VSS
AE25
VSS
AF1
VSS
AF25
VSS
AF26
VSS
A16
Unconnected
B9
Unconnected
B11
Unconnected
C15
Unconnected
D18
Unconnected
E26
Unconnected
AC9
Unconnected
AC10
Unconnected
AC12
Unconnected
AC14
Unconnected
AD10
Unconnected
AD11
Unconnected
AD12
Unconnected
AD13
Unconnected
AE11
Unconnected
AE12
Unconnected
AE13
Unconnected
AE14
Unconnected
AE15
Unconnected
AF8
Unconnected
AF10
Unconnected
AF11
Unconnected
AF12
Unconnected
AF13
Unconnected
AF14
Unconnected
Pin #
Pin name
For Note definition see Table 2-2
Definition of Signal Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com