Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 14Page - STMicroelectronics STPCELITE Datasheet HTML 15Page - STMicroelectronics STPCELITE Datasheet HTML 16Page - STMicroelectronics STPCELITE Datasheet HTML 17Page - STMicroelectronics STPCELITE Datasheet HTML 18Page - STMicroelectronics STPCELITE Datasheet HTML 19Page - STMicroelectronics STPCELITE Datasheet HTML 20Page - STMicroelectronics STPCELITE Datasheet HTML 21Page - STMicroelectronics STPCELITE Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
PIN DESCRIPTION
18/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
when the address is below one megabyte or the
cycle is a refresh cycle.
SMEMW# System Memory Write. The STPC Elite
generates SMEMW# signal of the ISA bus only
when the address is below one megabyte.
IOR# I/O Read. This is the IO read command
signal of the ISA bus. It is an input when an ISA
master owns the bus and is an output at all other
times.
IOW# I/O Write. This is the IO write command
signal of the ISA bus. It is an input when an ISA
master owns the bus and is an output at all other
times.
MCS16#
Memory Chip Select16. This is the
decode of LA23-17 address pins of the ISA
address bus without any qualification of the
command signal lines. MCS16# is always an
input. The STPC Elite ignores this signal during IO
and refresh cycles.
IOCS16#
IO Chip Select16. This signal is the
decode of SA15-0 address pins of the ISA
address bus without any qualification of the
command signals. The STPC Elite does not drive
IOCS16# (similar to PC-AT design). An ISA
master access to an internal register of the STPC
Elite is executed as an extended 8-bit IO cycle.
BHE#
System Bus High Enable. This signal, when
asserted, indicates that a data byte is being
transferred on SD15-8 lines. It is used as an input
when an ISA master owns the bus and is an
output at all other times.
ZWS#
Zero Wait State. This signal, when assert-
ed by addressed device, indicates that current cy-
cle can be shortened.
REF# Refresh Cycle. This is the refresh command
signal of the ISA bus. It is driven as an output
when the STPC Elite performs a refresh cycle on
the ISA bus. It is used as an input when an ISA
master owns the bus and is used to trigger a
refresh cycle.
The STPC Elite performs a pseudo hidden
refresh. It requests the host bus for two host
clocks to drive the refresh address and capture it
in
external
buffers.
The
host bus
is
then
relinquished while the refresh cycle continues on
the ISA bus.
MASTER#
Add On Card Owns Bus. This signal is
active when an ISA device has been granted bus
ownership.
AEN Address Enable. Address Enable is enabled
when the DMA controller is the bus owner to
indicate that a DMA transfer will occur. The
enabling of the signal indicates to IO devices to
ignore
the
IOR#/IOW#
signal
during
DMA
transfers.
IOCHCK# IO Channel Check. IO Channel Check
is enabled by any ISA device to signal an error
condition that can not be corrected. NMI signal
becomes active upon seeing IOCHCK# active if
the corresponding bit in Port B is enabled.
IOCHRDY
Channel Ready. IOCHRDY is the IO
channel ready signal of the ISA bus and is driven
as an output in response to an ISA master cycle
targeted to the host bus or an internal register of
the STPC Elite. The STPC Elite monitors this
signal as an input when performing an ISA cycle
on behalf of the host CPU, DMA master or refresh.
ISA masters which do not monitor IOCHRDY are
not guaranteed to work with the STPC Elite since
the access to the system memory can be
considerably delayed due UMA architecture.
ISAOE#
Bidirectional OE Control. This signal
controls the OE signal of the external transceiver
that connects the IDE DD bus and ISA SA bus.
GPIOCS# I/O General Purpose Chip Select. This
output signal is used by the external latch on ISA
bus to latch the data on the SD[7:0] bus. The latch
can be use by PMU unit to control the external
peripheral devices or any other desired function.
IRQ_MUX[3:0]
Multiplexed Interrupt Request.
These are the ISA bus interrupt signals. They
have to be encoded before connection to the
STPC Elite using ISACLK and ISACLKX2 as the
input selection strobes.
Note
that
IRQ8B,
which
by
convention
is
connected to the RTC, is inverted before being
sent to the interrupt controller, so that it may be
connected directly to the IRQ pin of the RTC.
DREQ_MUX[1:0] ISA Bus
Multiplexed DMA
Request. These are the ISA bus DMA request
signals.
They
are
to
be
encoded
before
connection to the STPC Elite using ISACLK and
ISACLKX2 as the input selection strobes.
DACK_ENC[2:0]
DMA Acknowledge. These are
the ISA bus DMA acknowledge signals. They are
encoded by the STPC Elite before output and
should be decoded externally using ISACLK and
ISACLKX2 as the control strobes.
TC
ISA Terminal Count. This is the terminal count
output of the DMA controller and is connected to
the TC line of the ISA bus. It is asserted during the
last DMA transfer, when the byte count expires.
2.2.5. X-BUS INTERFACE PINS
RTCAS Real time clock address strobe. This
signal is asserted for any I/O write to port 70H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com