Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 75 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 71Page - STMicroelectronics STPCELITE Datasheet HTML 72Page - STMicroelectronics STPCELITE Datasheet HTML 73Page - STMicroelectronics STPCELITE Datasheet HTML 74Page - STMicroelectronics STPCELITE Datasheet HTML 75Page - STMicroelectronics STPCELITE Datasheet HTML 76Page - STMicroelectronics STPCELITE Datasheet HTML 77Page - STMicroelectronics STPCELITE Datasheet HTML 78Page - STMicroelectronics STPCELITE Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
DESIGN GUIDELINES
Release 1.3 - January 29, 2002
75/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
6.4.3. PCI INTERFACE
6.4.3.1. Introduction
In order to achieve a PCI interface which work at
clock
frequencies
up
to
33MHz,
careful
consideration has to be given to the timing of the
interface with all the various electrical and
physical constraints taken into consideration.
6.4.3.2. PCI Clocking Scheme
The PCI Clocking Scheme deserves a special
mention here. Basically the PCI clock (PCICLKO)
is generated on-chip from HCLK through a
programmable delay line and a clock divider. The
nominal frequency is 33MHz. This clock must be
looped to PCICLKI and goes to the internal South
Bridge through a deskewer. On the contrary, the
internal North Bridge is clocked by HCLK, putting
some additionnal constraints on T0 and T1.
Figure 6-21. Clock Scheme
HCLK PLL
1/2
1/3
1/4
clock
Strap Options
PCICLKO
T1
PCICLKI
HCLK
AD[31:0]
South
North
Deskewer
MUX
T0
T2
delay
STPC
MD[30:27]
MD[17,4]
MD[7:6]
Bridge
Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com