Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 76 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 72Page - STMicroelectronics STPCELITE Datasheet HTML 73Page - STMicroelectronics STPCELITE Datasheet HTML 74Page - STMicroelectronics STPCELITE Datasheet HTML 75Page - STMicroelectronics STPCELITE Datasheet HTML 76Page - STMicroelectronics STPCELITE Datasheet HTML 77Page - STMicroelectronics STPCELITE Datasheet HTML 78Page - STMicroelectronics STPCELITE Datasheet HTML 79Page - STMicroelectronics STPCELITE Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 87 page
background image
DESIGN GUIDELINES
76/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
6.4.3.3. Board Layout Issues
The physical layout of the motherboard PCB
assumed in this presentation is as shown in Figure
6-22. For the PCI interface, the most critical signal
is the clock. Any skew between the clocks at the
PCI components and the STPC will impact the
timing budget. In order to get well matched clocks
at all components it is recommended that all the
PCI clocks are individually driven from a serial
resistance with matched routing lengths. In other
words, all clock line lengths that go from the
resistor to the PCI chips (PCICLKx) must be
identical.
The figure below is for PCI devices soldered on-
board. In the case of a PCI slot, the wire length
must be shortened by 2.5" to compensate the
clock layout on the PCI board. The maximum
clock skew between all devices is 2ns according
to PCI specifications.
The Figure 6-23 describes a typical clock delay
implementation. The exact timing constraints are
listed in the PCI section of the Electrical
Specifications Chapter.
Figure 6-22. Typical PCI clock routing
Length(PCICLKI) = Length(PCICLKx) with x = {A,B,C}
Note: The value of 22 Ohms corresponds to tracks with Z0 = 70 Ohms.
PCICLKI
PCICLKO
PCICLKA
PCICLKB
PCICLKC
Device A
Device B
Device C
Figure 6-23. Clocks relationships
PCICLKO
PCICLKI
HCLK
PCICLKx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com