Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 67 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 63Page - STMicroelectronics STPCELITE Datasheet HTML 64Page - STMicroelectronics STPCELITE Datasheet HTML 65Page - STMicroelectronics STPCELITE Datasheet HTML 66Page - STMicroelectronics STPCELITE Datasheet HTML 67Page - STMicroelectronics STPCELITE Datasheet HTML 68Page - STMicroelectronics STPCELITE Datasheet HTML 69Page - STMicroelectronics STPCELITE Datasheet HTML 70Page - STMicroelectronics STPCELITE Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
DESIGN GUIDELINES
Release 1.3 - January 29, 2002
67/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
6.3.6. IPC
Most of the IPC signals are multiplexed: Interrupt
inputs, DMA Request inputs, DMA Acknowledge
outputs. The figure below describes a complete
implementation of the IRQ[15:0] time-multiplexing.
When an interrupt line is used internally, the
corresponding input can be grounded. In most of
the embedded designs, only few interrupts lines
are necessary and the glue logic can be simplified.
When the interface is integrated into the STPC,
the corresponding interrupt line can be grounded
as it is connected internally.
For example, if the integrated IDE controller is
activated, the IRQ[14] and IRQ[15] inputs can be
grounded.
Figure 6-10. Typical IRQ multiplexing
74x153
1C0
1Y
1G
IRQ[0]
IRQ_MUX[0]
1C1
1C2
1C3
2C0
2C1
2C2
2C3
A
B
2G
2Y
IRQ_MUX[1]
IRQ[1]
IRQ[2]
IRQ[3]
IRQ[4]
IRQ[5]
IRQ[6]
IRQ[7]
74x153
1C0
1Y
1G
IRQ_MUX[2]
1C1
1C2
1C3
2C0
2C1
2C2
2C3
A
B
2G
2Y
IRQ_MUX[3]
IRQ[8]
IRQ[9]
IRQ[10]
IRQ[11]
IRQ[12]
IRQ[13]
IRQ[14]
IRQ[15]
ISA_CLK2X
ISA_CLK
Timer 0
Keyboard
Slave PIC
COM2/COM4
COM1/COM3
LPT2
LPT1
RTC
Mouse
FPU
PCI / IDE
PCI / IDE
Floppy
Floppy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com