Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCELITE Datasheet(PDF) 45 Page - STMicroelectronics

Part # STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 41Page - STMicroelectronics STPCELITE Datasheet HTML 42Page - STMicroelectronics STPCELITE Datasheet HTML 43Page - STMicroelectronics STPCELITE Datasheet HTML 44Page - STMicroelectronics STPCELITE Datasheet HTML 45Page - STMicroelectronics STPCELITE Datasheet HTML 46Page - STMicroelectronics STPCELITE Datasheet HTML 47Page - STMicroelectronics STPCELITE Datasheet HTML 48Page - STMicroelectronics STPCELITE Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.3 - January 29, 2002
45/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
24
IOR#, IOW# asserted before SA[19:0]
24o
I/O access to 16-bit ISA Slave Standard cycle
19T
Cycles
24r
I/O access to 16-bit ISA Slave Standard cycle
19T
Cycles
25
MEMR#, MEMW# asserted before next ALE# asserted
25b
Memory access to 16-bit ISA Slave Standard cycle
10T
Cycles
25d
Memory access to 8-bit ISA Slave Standard cycle
10T
Cycles
25
SMEMR#, SMEMW# asserted before next ALE# asserted
25e
Memory access to 16-bit ISA Slave - 2BCLK
10T
Cycles
25f
Memory access to 16-bit ISA Slave Standard cycle
10T
Cycles
25h
Memory access to 8-bit ISA Slave Standard cycle
10T
Cycles
25
IOR#, IOW# asserted before next ALE# asserted
25i
I/O access to 16-bit ISA Slave Standard cycle
10T
Cycles
25k
I/O access to 16-bit ISA Slave Standard cycle
10T
Cycles
26
MEMR#, MEMW# asserted before next MEMR#, MEMW# asserted
26b
Memory access to 16-bit ISA Slave Standard cycle
12T
Cycles
26d
Memory access to 8-bit ISA Slave Standard cycle
12T
Cycles
26
SMEMR#, SMEMW# asserted before next SMEMR#, SMEMW# asserted
26f
Memory access to 16-bit ISA Slave Standard cycle
12T
Cycles
26h
Memory access to 8-bit ISA Slave Standard cycle
12T
Cycles
26
IOR#, IOW# asserted before next IOR#, IOW# asserted
26i
I/O access to 16-bit ISA Slave Standard cycle
12T
Cycles
26k
I/O access to 8-bit ISA Slave Standard cycle
12T
Cycles
28
Any command negated to MEMR#, SMEMR#, MEMR#, SMEMW# asserted
28a
Memory access to 16-bit ISA Slave
3T
Cycles
28b
Memory access to 8-bit ISA Slave
3T
Cycles
28
Any command negated to IOR#, IOW# asserted
28c
I/O access to ISA Slave
3T
Cycles
29a
MEMR#, MEMW# negated before next ALE# asserted
1T
Cycles
29b
SMEMR#, SMEMW# negated before next ALE# asserted
1T
Cycles
29c
IOR#, IOW# negated before next ALE# asserted
1T
Cycles
33
LA[23:17] valid to IOCHRDY negated
33a
Memory access to 16-bit ISA Slave - 4 BCLK
8T
Cycles
33b
Memory access to 8-bit ISA Slave - 7 BCLK
14T
Cycles
34
LA[23:17] valid to read data valid
34b
Memory access to 16-bit ISA Slave Standard cycle
8T
Cycles
34e
Memory access to 8-bit ISA Slave Standard cycle
14T
Cycles
37
ALE# asserted to IOCHRDY# negated
37a
Memory access to 16-bit ISA Slave - 4 BCLK
6T
Cycles
37b
Memory access to 8-bit ISA Slave - 7 BCLK
12T
Cycles
37c
I/O access to 16-bit ISA Slave - 4 BCLK
6T
Cycles
37d
I/O access to 8-bit ISA Slave - 7 BCLK
12T
Cycles
38
ALE# asserted to read data valid
38b
Memory access to 16-bit ISA Slave Standard Cycle
4T
Cycles
38e
Memory access to 8-bit ISA Slave Standard Cycle
10T
Cycles
38h
I/O access to 16-bit ISA Slave Standard Cycle
4T
Cycles
38l
I/O access to 8-bit ISA Slave Standard Cycle
10T
Cycles
Table 4-11. ISA Bus AC Timing
Name
Parameter
Min
Max
Units
Note: The signal numbering refers to Table 4-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com