Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 335Page - Renesas Technology Corp M32C/8A Datasheet HTML 336Page - Renesas Technology Corp M32C/8A Datasheet HTML 337Page - Renesas Technology Corp M32C/8A Datasheet HTML 338Page - Renesas Technology Corp M32C/8A Datasheet HTML 339Page - Renesas Technology Corp M32C/8A Datasheet HTML 340Page - Renesas Technology Corp M32C/8A Datasheet HTML 341Page - Renesas Technology Corp M32C/8A Datasheet HTML 342Page - Renesas Technology Corp M32C/8A Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 372 page
background image
M32C/8A Group
23. Electrical Characteristics
Rev.1.00
Jul 15, 2007
Page 322 of 352
REJ09B0385-0100
Timing Requirements
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
i = 0 to 4
i = 0 to 4
i = 0 to 5
i = 0 to 5
i = 0 to 5
Table 23.38
Timer A Input (Counter Increment/Decrement Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(UP)
TAiOUT input cycle time
2000
ns
tw(UPH)
TAiOUT input high (“H”) pulse width
1000
ns
tw(UPL)
TAiOUT input low (“L”) pulse width
1000
ns
tsu(UP-TIN)
TAiOUT input setup time
400
ns
th(TIN-UP)
TAiOUT input hold time
400
ns
Table 23.39
Timer A Input (Two-Phase Pulse Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
2
μs
tsu(TAIN-TAOUT)
TAiOUT input setup time
500
ns
tsu(TAOUT-TAIN) TAiIN input setup time
500
ns
Table 23.40
Timer B Input (Count Source Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time (counted on one edge)
100
ns
tw(TBH)
TBiIN input high (“H”) pulse width (counted on one edge)
40
ns
tw(TBL)
TBiIN input low (“L”) pulse width (counted on one edge)
40
ns
tc(TB)
TBiIN input cycle time (counted on both edges)
200
ns
tw(TBH)
TBiIN input high (“H”) pulse width (counted on both edges)
80
ns
tw(TBL)
TBiIN input low (“L”) pulse width (counted on both edges)
80
ns
Table 23.41
Timer B Input (Pulse Period Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time
400
ns
tw(TBH)
TBiIN input high (“H”) pulse width
200
ns
tw(TBL)
TBiIN input low (“L”) pulse width
200
ns
Table 23.42
Timer B Input (Pulse Width Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time
400
ns
tw(TBH)
TBiIN input high (“H”) pulse width
200
ns
tw(TBL)
TBiIN input low (“L”) pulse width
200
ns
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com