Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 337Page - Renesas Technology Corp M32C/8A Datasheet HTML 338Page - Renesas Technology Corp M32C/8A Datasheet HTML 339Page - Renesas Technology Corp M32C/8A Datasheet HTML 340Page - Renesas Technology Corp M32C/8A Datasheet HTML 341Page - Renesas Technology Corp M32C/8A Datasheet HTML 342Page - Renesas Technology Corp M32C/8A Datasheet HTML 343Page - Renesas Technology Corp M32C/8A Datasheet HTML 344Page - Renesas Technology Corp M32C/8A Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 372 page
background image
M32C/8A Group
23. Electrical Characteristics
Rev.1.00
Jul 15, 2007
Page 324 of 352
REJ09B0385-0100
Table 23.46
Microprocessor Mode
NOTE:
1. Values, which depend on BCLK frequency and external bus cycles, can be obtained from the following
equations. Insert wait states or lower the operation frequency, f(BCLK), if the calculated value is negative.
Symbol
Parameter
Standard
Unit
Min.
Max.
tac1(RD-DB)
Data input access time (RD standard)
(note 1)
ns
tac1(AD-DB)
Data input access time (AD standard, CS standard)
(note 1)
ns
tac2(RD-DB)
Data input access time (RD standard, when accessing a space with the
multiplexed bus)
(note 1)
ns
tac2(AD-DB)
Data input access time (AD standard, when accessing a space with the
multiplexed bus)
(note 1)
ns
tsu(DB-BCLK)
Data input setup time
30
ns
tsu(RDY-BCLK)
RDY input setup time
40
ns
tsu(HOLD-BCLK) HOLD input setup time
60
ns
th(RD-DB)
Data input hold time
0
ns
th(BCLK-RDY)
RDY input hold time
0
ns
th(BCLK-HOLD)
HOLD input hold time
0
ns
td(BCLK-HLDA)
HLDA output delay time
25
ns
109 × m
f(BCLK) × 2
- 35 [ns] (if external bus cycle is a
φ + bφ, m = (b × 2) + 1)
tac1(RD-DB) =
109 × n
f(BCLK)
- 35 [ns] (if external bus cycle is a
φ + bφ, n = a + b)
tac1(AD-DB) =
109 × m
f(BCLK) × 2
- 35 [ns] (if external bus cycle is a
φ + bφ, m = (b × 2) - 1)
tac2(RD-DB) =
109 × p
f(BCLK) × 2
- 35 [ns] (if external bus cycle is a
φ + bφ, p = {(a + b - 1) × 2} + 1)
tac2(AD-DB) =
VCC1 = VCC2 = 3.3 V
Timing Requirements
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com