Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 339Page - Renesas Technology Corp M32C/8A Datasheet HTML 340Page - Renesas Technology Corp M32C/8A Datasheet HTML 341Page - Renesas Technology Corp M32C/8A Datasheet HTML 342Page - Renesas Technology Corp M32C/8A Datasheet HTML 343Page - Renesas Technology Corp M32C/8A Datasheet HTML 344Page - Renesas Technology Corp M32C/8A Datasheet HTML 345Page - Renesas Technology Corp M32C/8A Datasheet HTML 346Page - Renesas Technology Corp M32C/8A Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 372 page
background image
M32C/8A Group
23. Electrical Characteristics
Rev.1.00
Jul 15, 2007
Page 326 of 352
REJ09B0385-0100
Switching Characteristics
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 23.48
Microprocessor Mode (when accessing external memory space with multiplexed bus)
NOTES:
1. Values, which depend on BCLK frequency, can be obtained from the following equations.
2. Values, which depend on BCLK frequency and external bus cycles, can be obtained from the following equation.
3. Values, which depend on BCLK frequency and external bus cycles, can be obtained from the following equation.
4. Values, which depend on BCLK frequency and external bus cycles, can be obtained from the following equation.
5. tc [ns] is added when recovery cycle is inserted.
Symbol
Parameter
Measurement
Condition
Standard
Unit
Min.
Max.
td(BCLK-AD)
Address output delay time
See Figure
23.2
18
ns
th(BCLK-AD)
Address output hold time (BCLK standard)
0
ns
th(RD-AD)
Address output hold time (RD standard)(5)
(note 1)
ns
th(WR-AD)
Address output hold time (WR standard)(5)
(note 1)
ns
td(BCLK-CS)
Chip-select signal output delay time
18
ns
th(BCLK-CS)
Chip-select signal output hold time (BCLK standard)
0
ns
th(RD-CS)
Chip-select signal output hold time (RD standard)(5)
(note 1)
ns
th(WR-CS)
Chip-select signal output hold time (WR standard)(5)
(note 1)
ns
td(BCLK-RD)
RD signal output delay time
18
ns
th(BCLK-RD)
RD signal output hold time
-3
ns
td(BCLK-WR)
WR signal output delay time
18
ns
th(BCLK-WR)
WR signal output hold time
0
ns
td(DB-WR)
Data output delay time (WR standard)
(note 2)
ns
th(WR-DB)
Data output hold time (WR standard)(5)
(note 1)
ns
td(BCLK-ALE)
ALE signal output delay time (BCLK standard)
18
ns
th(BCLK-ALE)
ALE signal output hold time (BCLK standard)
-2
ns
td(AD-ALE)
ALE signal output delay time (address standard)
(note 3)
ns
th(ALE-AD)
ALE signal output hold time (address standard)
(note 4)
ns
tdz(RD-AD)
Address output float start time
8
ns
109
f(BCLK) × 2
- 10 [ns]
th(RD-AD)
=
109
f(BCLK) × 2
- 10 [ns]
th(WR-AD) =
109
f(BCLK) × 2
- 10 [ns]
th(RD-CS)
=
109
f(BCLK) × 2
- 10 [ns]
th(WR-CS) =
109
f(BCLK) × 2
- 20 [ns]
th(WR-DB) =
109 × m
f(BCLK) × 2
- 25 [ns] (if external bus cycle is a
φ + bφ, m = (b × 2) - 1)
td(DB-WR) =
109 × n
f(BCLK) × 2
- 20 [ns] (if external bus cycle is a
φ + bφ, n = a)
td(AD-ALE) =
109 × n
f(BCLK) × 2
- 10 [ns] (if external bus cycle is a
φ + bφ, n = a)
th(ALE-AD) =
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com