Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 336Page - Renesas Technology Corp M32C/8A Datasheet HTML 337Page - Renesas Technology Corp M32C/8A Datasheet HTML 338Page - Renesas Technology Corp M32C/8A Datasheet HTML 339Page - Renesas Technology Corp M32C/8A Datasheet HTML 340Page - Renesas Technology Corp M32C/8A Datasheet HTML 341Page - Renesas Technology Corp M32C/8A Datasheet HTML 342Page - Renesas Technology Corp M32C/8A Datasheet HTML 343Page - Renesas Technology Corp M32C/8A Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 372 page
background image
M32C/8A Group
23. Electrical Characteristics
Rev.1.00
Jul 15, 2007
Page 323 of 352
REJ09B0385-0100
Timing Requirements
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
i=0 to 4
i=0 to 5
Table 23.43
A/D Trigger Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(AD)
ADTRG input cycle time (required for trigger)
1000
ns
tw(ADL)
ADTRG input low (“L”) pulse width
125
ns
Table 23.44
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
200
ns
tw(CKH)
CLKi input high (“H”) pulse width
100
ns
tw(CKL)
CLKi input low (“L”) pulse width
100
ns
td(C-Q)
TXDi output delay time
80
ns
th(C-Q)
TXDi output hold time
0
ns
tsu(D-C)
RXDi input setup time
30
ns
th(C-D)
RXDi input hold time
90
ns
Table 23.45
External Interrupt INTi Input (Edge Sensitive)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(INH)
INTi input high (“H”) pulse width
250
ns
tw(INL)
INTi input low (“L”) pulse width
250
ns
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com