Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 143Page - Renesas Technology Corp M32C/86 Datasheet HTML 144Page - Renesas Technology Corp M32C/86 Datasheet HTML 145Page - Renesas Technology Corp M32C/86 Datasheet HTML 146Page - Renesas Technology Corp M32C/86 Datasheet HTML 147Page - Renesas Technology Corp M32C/86 Datasheet HTML 148Page - Renesas Technology Corp M32C/86 Datasheet HTML 149Page - Renesas Technology Corp M32C/86 Datasheet HTML 150Page - Renesas Technology Corp M32C/86 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 505 page
background image
Page 124
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
12. Watchdog Timer
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
12.1 Count Source Protection Mode
In count source protection mode, the on-chip oscillator clock is used as a count source for the watchdog
timer. The count source protection mode allows the on-chip oscillator clock to run continuously, maintain-
ing watchdog timer operation even if the program error occurs and the CPU clock stops running.
Follow the procedures below when using this mode.
(1) Set the PRC0 bit in the PRCR register to "1" (write to CM0 register enabled)
(2) Set the PRC1 bit in the PRCR register to "1" (write to PM2 register enabled)
(3) Set the CM06 bit in the CM0 register to "1" (reset when the watchdog timer overflows)
(4) Set the PM22 bit in the PM2 register to "1" (the on-chip oscillator clock as a count source of the watch-
dog timer)
(5) Set the PRC0 bit to "0" (write to CM0 register disabled)
(6) Set the PRC1 bit to "0" (write to PM2 register disabled)
(7) Write to the WDTS register (the watchdog timer starts counting)
The followings will occur when the PM22 bit is set to "1".
• The on-chip oscillator starts oscillating and the on-chip oscillator clock becomes a count source for
the watchdog timer.
Watchdog timer cycle =
• Write to the CM10 bit in the CM1 register is disabled. (The bit setting remains unchanged even if set
it to "1". The microcomputer does not enter stop mode.)
• In wait mode or hold state, the watchdog timer continues running. However, the watchdog timer
interrupt cannot be used to exit wait mode.
Counter value of watchdog timer (32768)
On-chip oscillator clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com