Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 144Page - Renesas Technology Corp M32C/86 Datasheet HTML 145Page - Renesas Technology Corp M32C/86 Datasheet HTML 146Page - Renesas Technology Corp M32C/86 Datasheet HTML 147Page - Renesas Technology Corp M32C/86 Datasheet HTML 148Page - Renesas Technology Corp M32C/86 Datasheet HTML 149Page - Renesas Technology Corp M32C/86 Datasheet HTML 150Page - Renesas Technology Corp M32C/86 Datasheet HTML 151Page - Renesas Technology Corp M32C/86 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 505 page
background image
Page 125
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
13. DMAC
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
13. DMAC
This microcomputer contains four DMAC (direct memory access controller) channels that allow data to be
sent to memory without using the CPU. DMAC transmits a 8- or 16-bit data from a source address to a
destination address whenever a transmit request occurs. DMA0 and DMA1 must be prioritized if using
DMAC. DMA2 and DMA3 share registers required for high-speed interrupts. High-speed interrupts cannot
be used when using three or more DMAC channels.
The CPU and DMAC use the same data bus, but DMAC has a higher bus access privilege than the CPU.
The cycle-steal method employed on DMAC enables high-speed operation between a transfer request and
the complete transmission of 16-bit (word) or 8-bit (byte) data. Figure 13.1 shows a mapping of registers to
be used for DMAC. Table 13.1 lists specifications of DMAC. Figures 13.2 to 13.5 show registers associ-
ated with DMAC.
Because the registers shown in Figure 13.1 are allocated in the CPU, use the LDC instruction to write to the
registers. To set the DCT2, DCT3, DRC2, DRC3, DMA2 and DMA3 registers, set the B flag to "1" (register
bank 1) and set the R0 to R3, A0, A1 registers with the MOV instruction.
To set the DSA2 and DSA3 registers, set the B flag to "1" and set the SB and FB registers with the LDC
instruction. To set the DRA2 and DRA3 registers, set the SVP and VCT registers with the LDC instruction.
DMA Mode Register 0
DMA 0 Transfer Count Register
DMA 0 Transfer Count Reload Register(1)
DMA 0 Memory Address Register
DMA 0 SFR Address Register
DMA 0 Memory Address Reload Register(1)
DMD0
DMD1
DCT0
DCT1
DRC0
DRC1
DMA0
DMA1
DSA0
DSA1
DRA0
DRA1
DMAC-Associated Registers
When Three or More DMAC Channels are Used,
the High-Speed Interrupt Register is Used as DMAC
Registers
DMA2 Transfer Count Register
DMA2 Transfer Count Reload Register(1)
DMA2 Memory Address Register
DMA2 SFR Address Register
DCT2 (R0)
DCT3 (R1)
DRC2 (R2)
DRC3 (R3)
DMA2 (A0)
DMA3 (A1)
DSA2 (SB)
DSA3 (FB)
When using DMA2 and DMA3, use the CPU registers shown in parentheses ().
When Three or More DMAC Channels are Used,
the Register Bank 1 is Used as DMAC Registers
DMA3 Transfer Count Register
DMA3 Transfer Count Reload Register(1)
DMA3 Memory Address Register
DMA3 SFR Address Register
SVF
DMA2 Memory Address Reload Register(1)
DRA2 (SVP)
DRA1 (VCT)
Flag Save Register
DMA3 Memory Address Reload Register(1)
DMA Mode Register 1
DMA 1 Transfer Count Register
DMA 1 Transfer Count Reload Register(1)
DMA 1 Memory Address Register
DMA 1 SFR Address Register
DMA 1 Memory Address Reload Register(1)
NOTES:
1. Registers are used for repeat transfer, not for single transfer.
Figure 13.1 Register Mapping for DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com