Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 145Page - Renesas Technology Corp M32C/86 Datasheet HTML 146Page - Renesas Technology Corp M32C/86 Datasheet HTML 147Page - Renesas Technology Corp M32C/86 Datasheet HTML 148Page - Renesas Technology Corp M32C/86 Datasheet HTML 149Page - Renesas Technology Corp M32C/86 Datasheet HTML 150Page - Renesas Technology Corp M32C/86 Datasheet HTML 151Page - Renesas Technology Corp M32C/86 Datasheet HTML 152Page - Renesas Technology Corp M32C/86 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 505 page
background image
Page 126
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
13. DMAC
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
DMAC starts a data transfer by setting the DSR bit in the DMiSL register (i=0 to 3) or by using an interrupt
request, generated by the functions determined by the DSEL 4 to DSEL0 bits in the DMiSL register, as a
DMA request. Unlike interrupt requests, the I flag and interrupt control register do not affect DMA. There-
fore, a DMA request can be acknowledged even if an interrupt is disabled and cannot be acknowledged. In
addition, the IR bit in the interrupt control register does not change when a DMA request is acknowledged.
Table 13.1 DMAC Specifications
Item
Specification
Channels
4 channels (cycle-steal method)
Transfer Memory Space
• From a desired address in a 16-Mbyte space to a fixed address in a
16-Mbyte space
• From a fixed address in a 16-Mbyte space to a desired address in a
16-Mbyte space
Maximum Bytes Transferred
128 Kbytes (when a 16-bit data is transferred) or 64 Kbytes (with an 8-
bit data is transferred)
DMA Request Source(1)
________
________
Falling edge or both edges of signals applied to the INT0 to INT3 pins
Timers A0 to A4 interrupt requests
Timers B0 to B5 interrupt requests
UART0 to UART4 transmit and receive interrupt requests
A/D0 conversion interrupt request
Intelligent I/O interrupt request
CAN interrupt request
Software trigger
Channel Priority
DMA0 > DMA1 > DMA2 > DMA3 (DMA0 has highest priority)
Transfer Unit
8 bits, 16 bits
Destination Address
Forward/fixed (forward and fixed directions cannot be specified when
specifying source and destination addresses simultaneously)
Transfer Mode Single Transfer Transfer is completed when the DCTi register (i = 0 to 3) is set to "000016"
Repeat Transfer When the DCTi register is set to "000016", the value of the DRCi register
is reloaded into the DCTi register and the DMA transfer is continued
DMA Interrupt Request Generation Timing When the DCTi register changes "000116" to "000016"
DMA Startup
Single Transfer DMA starts when a DMA request is generated after the DCTi register is
set to "000116" or more and the MDi1 and MD0 bits in the DMDj register
(j = 0,1) are set to "012" (single transfer)
Repeat Transfer DMA starts when a DMA request is generated after the DCTi register is
set to "000116" or more and the MDi1 and MDi0 bits are set to "112"
(repeat transfer)
DMA Stop
Single Transfer DMA stops when the MDi1 and MDi0 bits are set to "002" (DMA dis-
abled) and the DCTi register is set to "000016" (0 DMA transfer) by DMA
transfer or write
Repeat Transfer DMA stops when the MDi1 and MDi0 bits are set to "002" and the DCTi
register is set to "000016" and the DRCi register set to "000016"
Reload Timing to the DCTi
When the DCTi register is set to "000016" from "000116" in repeat trans-
or DMAi Register
fer mode
DMA Transfer Cycles
Minimum 3 cycles between SFR and internal RAM
NOTES:
1. The IR bit in the interrupt control register does not change when a DMA request is acknowledged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com