Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 291Page - Renesas Technology Corp M32C/86 Datasheet HTML 292Page - Renesas Technology Corp M32C/86 Datasheet HTML 293Page - Renesas Technology Corp M32C/86 Datasheet HTML 294Page - Renesas Technology Corp M32C/86 Datasheet HTML 295Page - Renesas Technology Corp M32C/86 Datasheet HTML 296Page - Renesas Technology Corp M32C/86 Datasheet HTML 297Page - Renesas Technology Corp M32C/86 Datasheet HTML 298Page - Renesas Technology Corp M32C/86 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 505 page
background image
Page 272
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Base Timer)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.9 Base Timer Block Diagram
Table 22.3 Base Timer Associated Register Settings
(Also applies when using time measurement function, waveform generating function and communication function)
Register
Bit
Function
G1BCR0
BCK1, BCK0
Select count source
DIV4 to DIV0
Select divide ratio of count source
IT
Select the base timer interrupt
G1BCR1
RST2, RST1
Select source for a base timer reset
BTS
Used to start the base timer independently
UD1, UD0
Select how to count
G1POCR0
BTRE
Select source for a base timer reset
G1BT
-
Read or write base timer value
Set the following registers to set the RST1 bit to "1" (base timer reset by matching the base timer with the G1PO0 register).
G1POCR0
MOD2 to MOD0
Set to "0002" (single-phase waveform output mode)
G1PO0
-
Set reset cycle
G1FS
FSC0
Set to "0" (waveform generating function)
G1FE
IFE0
Set to "1" (channel operation start)
f1
2(n+1)
Divider
RST1
RST2
Apply "L" to
the INTi Pin
Base Timer
Interrupt Request
BCK1 and BCK0
IT
BTS Bit
Apply the Two-Phase
Pulse Signal
(See the BT1R
bit on Figure
11.14)
Overflow Signal
Base Timer Reset
11
10
0
1
fBT1
BCK1 and BCK0, IT : Bits in the G1BCR0 register
RST2 to RST0, BTS : Bits in the G1BCR1 register
BTRE : Bit in the G1POCR0 register
BTRE
Base Timer
b14 b15
Matching with
the G1PO0 Register
b9
1
0
(i=0,1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com