Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 294Page - Renesas Technology Corp M32C/86 Datasheet HTML 295Page - Renesas Technology Corp M32C/86 Datasheet HTML 296Page - Renesas Technology Corp M32C/86 Datasheet HTML 297Page - Renesas Technology Corp M32C/86 Datasheet HTML 298Page - Renesas Technology Corp M32C/86 Datasheet HTML 299Page - Renesas Technology Corp M32C/86 Datasheet HTML 300Page - Renesas Technology Corp M32C/86 Datasheet HTML 301Page - Renesas Technology Corp M32C/86 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 505 page
background image
Page 275
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Base Timer)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.12 Base Timer Operation in Two-phase Pulse Signal Processing Mode
(1) When the base timer is reset while the base timer increments the counter value
(2) When the base timer is reset while the base timer decrements the counter value
m
Base TImer
min 1
µs
(Note 1)
min 1
µs
m+1
1
2
0
Set to "0" in this timing
The base timer starts counting
P80 (P76)
(2)
(A-phase)
P81 (P77)
(2)
(B-phase)
INT1
(Z-phase)
Set to "1" in this timing
min 1
µs
(Note 1)
min 1
µs
mm-1
FFFF16
FFFE16
0
Set to "0" in this timing
NOTES:
1. 1.5 fBT1 clock cycles or more are required.
2. Select either port by setting the IPSA_0 bit in the IPSA register.
The base timer starts counting
Set to "FFFF16" in this timing
Input
Waveform
(
)
When selects no division
with the divider by 2(n+1)
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
fBT1
Base TImer
P80 (P76)
(2)
(A-phase)
P81 (P77)
(2)
(B-phase)
INT1
(Z-phase)
Input
Waveform
When selects no division
with the divider by 2(n+1)
fBT1
"H"
"L"
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com