Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 295Page - Renesas Technology Corp M32C/86 Datasheet HTML 296Page - Renesas Technology Corp M32C/86 Datasheet HTML 297Page - Renesas Technology Corp M32C/86 Datasheet HTML 298Page - Renesas Technology Corp M32C/86 Datasheet HTML 299Page - Renesas Technology Corp M32C/86 Datasheet HTML 300Page - Renesas Technology Corp M32C/86 Datasheet HTML 301Page - Renesas Technology Corp M32C/86 Datasheet HTML 302Page - Renesas Technology Corp M32C/86 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 505 page
background image
Page 276
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Time Measurement Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
22.2 Time Measurement Function
When external trigger is applied, the base timer value is stored into the G1TMj register (j=0 to 7). Table 22.4
shows specifications of the time measurement function. Tables 22.5 and 22.6 list pin settings of the time
measurement function. Figures 22.13 and 22.14 show operation examples of the time measurement func-
tion. Figure 22.15 shows an operation example of the prescaler function and gate function.
Table 22.4 Time Measurement Function Specifications
Item
Specification
Measurement Channel
Channels 0 to 7
Trigger Input Polarity
Rising edge, falling edge and both edges of the INPC1j pin
Measurement Start Condition
The IFEj bit in the G1FE register is set to "1" (channel j function enabled)
while the FSCj bit (j=0 to 7) in the G1FS register is set to "1" (time
measurement function selected)
Measurement Stop Condition
The IFEj bit is set to "0" (channel j function disabled)
Time Measurement Timing
• No prescaler: every time a trigger signal is applied
• Prescaler (for channel 6 and channel 7):
every
G1TPRk register (k=6,7) value +1 times a trigger signal is applied
Interrupt Request Generating Timing
The TM1jR bit in the interrupt request register (See Figure 11.14) is set to
"1" (interrupt requested) at time measurement timing
INPC1j Pin Function
Trigger input pin
Selectable Function
• Digital filter function
The digital filter samples a trigger input signal level every f1 or fBT1
cycles and passes pulse signals, matching trigger input signal level
three times
• Prescaler function (for channel 6 and channel 7)
Time measurement is executed every
G1TPRk register value +1 times a
trigger signal is applied
• Gate function (for channel 6 and channel 7)
After time measurement by the first trigger input, trigger input cannot be
accepted. However, while the GOC bit in the G1TMCRk register is set to
"1" (gate cleared by matching the base timer with the G1POp register (p=4
when k=6, p=5 when k=7), trigger input can be accepted again by matching
the base timer value with the G1POp register setting or by setting the GSC
bit in the G1TMCRk register is set to "1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com