Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 296Page - Renesas Technology Corp M32C/86 Datasheet HTML 297Page - Renesas Technology Corp M32C/86 Datasheet HTML 298Page - Renesas Technology Corp M32C/86 Datasheet HTML 299Page - Renesas Technology Corp M32C/86 Datasheet HTML 300Page - Renesas Technology Corp M32C/86 Datasheet HTML 301Page - Renesas Technology Corp M32C/86 Datasheet HTML 302Page - Renesas Technology Corp M32C/86 Datasheet HTML 303Page - Renesas Technology Corp M32C/86 Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 505 page
background image
Page 277
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Time Measurement Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 22.5 Pin Settings for Time Measurement Function
Pin
Bit and Setting
PS1, PS2, PS5, PS8 Registers PD7, PD8, PD11, PD14 Registers
IPS Register
P70/INPC16
PS1_0 = 0
PD7_0 = 0
IPS1 = 0
P71/INPC17
PS1_1 = 0
PD7_1 = 0
P73/INPC10
PS1_3 = 0
PD7_3 = 0
P74/INPC11
PS1_4 = 0
PD7_4 = 0
P75/INPC12
PS1_5 = 0
PD7_5 = 0
P76/INPC13
PS1_6 = 0
PD7_6 = 0
P77/INPC14
PS1_7 = 0
PD7_7 = 0
P81/INPC15
PS2_1 = 0
PD8_1 = 0
P110/INPC10
PS5_0 = 0
PD11_0 = 0
IPS1 = 1
P111/INPC11
PS5_1 = 0
PD11_1 = 0
P112/INPC12
PS5_2 = 0
PD11_2 = 0
P113/INPC13
PS5_3 = 0
PD11_3 = 0
P140/INPC14
PS8_0 = 0
PD14_0 = 0
P141/INPC15
PS8_1 = 0
PD14_1 = 0
P142/INPC16
PS8_2 = 0
PD14_2 = 0
P143/INPC17
PS8_3 = 0
PD14_3 = 0
Table 22.6 Time Measurement Function Associated Register Settings
Register
Bit
Function
G1TMCRj
CTS1, CTS0
Select a time measurement trigger
DF1, DF0
Select the digital filter function
GT, GOC, GSC
Select the gate function
PR
Select the prescaler function
G1TPRk
-
Setting value of the prescaler
G1FS
FSCj
Set to "1" (time measurement function)
G1FE
IFEj
Set to "1" (channel j function enabled)
j = 0 to 7
k = 6, 7
Bit configurations and functions vary with channels used.
Registers associated with the time measurement function must be set after setting registers associated with the base timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com