Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 298Page - Renesas Technology Corp M32C/86 Datasheet HTML 299Page - Renesas Technology Corp M32C/86 Datasheet HTML 300Page - Renesas Technology Corp M32C/86 Datasheet HTML 301Page - Renesas Technology Corp M32C/86 Datasheet HTML 302Page - Renesas Technology Corp M32C/86 Datasheet HTML 303Page - Renesas Technology Corp M32C/86 Datasheet HTML 304Page - Renesas Technology Corp M32C/86 Datasheet HTML 305Page - Renesas Technology Corp M32C/86 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 505 page
background image
Page 279
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Time Measurement Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.14 Time Measurement Function (2)
n-2
n-1
n
n+1
n+2
n+3
n+4
n+5
n+6
n+7
n+8
n+9 n+10 n+11 n+12 n+13 n+14
n
n+5
n+8
n-2
n-1
n
n+1
n+2
n+3
n+4
n+7
n+8
n+9 n+10 n+11 n+12 n+13 n+14
nn+2
n+5
n+8
n+12
Delayed by max. 1 clock
fBT1
Base timer
G1TMj register
(1)
When selecting the rising edge as a time measurement trigger
(The CTS1 and CTS0 bits in the G1TMCRj register (j=0 to 7) are set to "012")
TM1jR bit(1)
(Note 2)
(2)
When selecting both edges as a time measurement trigger
(The CTS1 and CTS0 bits are set to "112")
Maximum 3.5 f1 or
fBT1(1) clock cycles
(3) Trigger signal when using the digital filter
(The DF1 and DF0 bits in the G1TMCRj register are set to "102" or "112")
Signal, which does not match
three times, is stripped off
fBT1
Base timer
INPC1j pin
G1TMj register
TM1jR bit(1)
f1 or fBT1(1)
INPC1j pin
Trigger signal
after passing
the digital filter
NOTES:
1. Bits in the IIO0IR to IIO4IR, IIO08IR to IIO10IR registers. See Figure 11.14 about the TM1jR bit.
2. No interrupt is generated if the microcomputer receives a trigger signal when the TM1jR bit is set to "1".
However, the value of the G1TMj register changes.
NOTES:
1. fBT1 when the DF1 and DF0 bits are set to "102", and f1 when to "112".
The trigger signal is delayed
by the digital filter
Write "0" by program
if setting to "0"
Write "0" by program
if setting to "0"
n+5
n+6
(Note 2)
"H"
"L"
"H"
"L"
"1"
"0"
"1"
"0"
"H"
"L"
"H"
"L"
INPC1j pin
n+6
NOTES:
1. Bits in the IIO0IR to IIO4IR, IIO8IR to IIO10IR registers. See Figure 11.14 about the TM1jR bit.
2. Input pulse applied to the INPC1j pin requires 1.5 fBT1 clock cycles or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com