Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 293Page - Renesas Technology Corp M32C/86 Datasheet HTML 294Page - Renesas Technology Corp M32C/86 Datasheet HTML 295Page - Renesas Technology Corp M32C/86 Datasheet HTML 296Page - Renesas Technology Corp M32C/86 Datasheet HTML 297Page - Renesas Technology Corp M32C/86 Datasheet HTML 298Page - Renesas Technology Corp M32C/86 Datasheet HTML 299Page - Renesas Technology Corp M32C/86 Datasheet HTML 300Page - Renesas Technology Corp M32C/86 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 505 page
background image
Page 274
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Base Timer)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Bit 15
Overflow Signal
BT1R bit
in IIO4IR register
"1"
"0"
"1"
"0"
Write "0" by program
if setting to "0"
(1) When the IT bit in the G1BCR0 register is set to "0" (bit 15 in the base timer overflows)
Bit 14 Overflow
Signal
BT1R bit
in IIO4IR register
"1"
"0"
"1"
"0"
Write "0" by program
if setting to "0"
(2) When the IT bit is set to "1" (bit 14 in the base timer overflows)
FFFF16
800016
Base Timer
Base Timer
000016
400016
C00016
FFFF16
800016
Base Timer
The above applies to the following conditions:
• The RST1 in the G1BCR1 register is set to "0" (the base timer is not reset by matching the G1PO0 register)
• The UD1 and UD0 bits in the G1BCR1 register are set to "012" (counter increment/decrement mode)
The above applies to the following conditions:
• The RST1 in the G1BCR1 register is set to "0" (the base timer is not reset by matching the G1PO0 register)
• The UD1 and UD0 bits in the G1BCR1 register are set to "012" (counter increment/decrement mode)
(3) When the RST1 bit in the G1BCR1 register is set to "1" (the base timer is reset by matching with the G1PO0 register)
800016
000016
800216
The above applies to the following conditions:
• Value of G1PO0 register: "800016"
• The UD1 and UD0 bits in the G1BCR1 register are set to "012" (counter increment/decrement mode)
Figure 22.11 Counter Increment/Decrement Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com