Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 193Page - Renesas Technology Corp 7721 Datasheet HTML 194Page - Renesas Technology Corp 7721 Datasheet HTML 195Page - Renesas Technology Corp 7721 Datasheet HTML 196Page - Renesas Technology Corp 7721 Datasheet HTML 197Page - Renesas Technology Corp 7721 Datasheet HTML 198Page - Renesas Technology Corp 7721 Datasheet HTML 199Page - Renesas Technology Corp 7721 Datasheet HTML 200Page - Renesas Technology Corp 7721 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 577 page
background image
REAL-TIME OUTPUT
7721 Group User’s Manual
10–4
10.2 Block description
Relevant registers to real-time output are described below.
10.2.1 Real-time output control register
Figure 10.2.1 shows the structure of the real-time output control register.
10.2 Block description
Fig. 10.2.1 Structure of real-time output control register
b7
b6
b5
b4
b3
b2
b1
b0
Bit
Nothing is assigned.
The value is “0” at reading.
Bit name
Functions
At reset
RW
Pulse output mode select bit
Waveform output select bits
1
See the following Table.
0
0
2
RW
RW
7 to 3
RW
Real-time output control register (Address 6216)
0
0
–
Undefined
0 : Pulse mode 0
1 : Pulse mode 1
Note: When using the P60–P67 pins as the pulse output pins for real-time output, set the
corresponding bits of the port P6 direction register (address 1016) to “1.”
b1 b0
When pulse mode 0
is selected
00
P67/RTP13
P66/RTP12
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
Port
01
P67/RTP13
P66/RTP12
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
Port
Port
RTP
10
P67/RTP13
P66/RTP12
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
RTP
11
P67/RTP13
P66/RTP12
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
Port
RTP
RTP
P67/RTP13
P66/RTP12
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
Port
Port
When pulse mode 1
is selected
P67/RTP13
P66/RTP12
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
Port
RTP
P67/RTP13
P66/RTP12
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
Port
RTP
P67/RTP13
P66/RTP12
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
RTP
RTP
Port : This functions as a programmable I/O port.
RTP : This functions as a pulse output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com