Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 195Page - Renesas Technology Corp 7721 Datasheet HTML 196Page - Renesas Technology Corp 7721 Datasheet HTML 197Page - Renesas Technology Corp 7721 Datasheet HTML 198Page - Renesas Technology Corp 7721 Datasheet HTML 199Page - Renesas Technology Corp 7721 Datasheet HTML 200Page - Renesas Technology Corp 7721 Datasheet HTML 201Page - Renesas Technology Corp 7721 Datasheet HTML 202Page - Renesas Technology Corp 7721 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 577 page
background image
REAL-TIME OUTPUT
7721 Group User’s Manual
10–6
10.2 Block description
10.2.3 Port P6 direction register
The pulse output pins are shared with port P6. When using these pins as pulse output pins of real-time
output, set the corresponding bits of the port P6 direction register to “1” to set these ports for the output
mode. Figure 10.2.3 shows the relationship between the port P6 direction register and the pulse output
pins.
After reset, the state of the port P6 pins are floated since these pins are in the input mode. The output
levels of the pulse output pins are undefined until Timer A0 or A1 underflows first after the data for the
timer is written. Because the pulse output data registers 0 and 1 are undefined after reset.
When these conditions should be avoided, follow the procedure “Processing of avoiding undefined output
before starting pulse output” in Figures 10.3.1 and 10.3.2.
When reading the port P6 register (address E16), the output values of the real time output pins can be read
out.
10.2.4 Timers A0 and A1
The data written into the pulse output registers 0 and 1 is output from the pulse output pins every
underflow of Timer A0 or A1. Refer to section “8.3 Timer mode” for the setting of Timers A0 and A1.
Fig. 10.2.3 Relationship between port P6 direction register and pulse output pins
Bit
Bit name
Functions
0
1
2
3
4
5
6
7
RTP00 pin
0 : Input mode
1 : Output mode
When using these pins as pulse
output pins, set the corresponding
bits to “0.”
Port P6 direction register (Address 1016)
b1
b0
b2
b3
b4
b5
b6
b7
At reset
RW
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
Note: When setting these bits to “0,” the corresponding pins serve as input port
(floated) regardless of the state of the waveform output select bits (bits 0 and 1
at address 6216).
RTP01 pin
RTP02 pin
RTP03 pin
RTP10 pin
RTP11 pin
RTP12 pin
RTP13 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com