Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 199Page - Renesas Technology Corp 7721 Datasheet HTML 200Page - Renesas Technology Corp 7721 Datasheet HTML 201Page - Renesas Technology Corp 7721 Datasheet HTML 202Page - Renesas Technology Corp 7721 Datasheet HTML 203Page - Renesas Technology Corp 7721 Datasheet HTML 204Page - Renesas Technology Corp 7721 Datasheet HTML 205Page - Renesas Technology Corp 7721 Datasheet HTML 206Page - Renesas Technology Corp 7721 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 577 page
background image
REAL-TIME OUTPUT
7721 Group User’s Manual
10–10
10.4 Real-time output operation
10.4 Real-time output operation
Œ When the timer Ai (i = 0, 1) count start bit is set to “1,” the counter starts counting of the count source.
 The contents of pulse output data register i are output from the pulse output pins at every underflow of
Timer Ai. The timer is reloaded with the contents of the reload register and continues counting.
Ž The timer Ai interrupt request bit is set to “1” when the counter underflows in . The interrupt request
bit retains “1” until the interrupt request is accepted or it is cleared by software.
 Write the next output data into the pulse output data register i during the timer Ai interrupt routine or after
the recognition of the timer Ai interrupt request occurrence.
Figure 10.4.1 shows an example of real-time output operation.
Contents of bits 3–0 of pulse
output data register 0
RTP03 output
RTP02 output
RTP01 output
RTP00 output
Timer A0 interrupt
request bit
000316
000016
Undefined V2
00112
01102
11002
10012
00112
Undefined
V3
Starts counting
V1
V1 : Written by software
V2 : To avoid undefined output for these terms, follow the procedure “Processing of
avoiding undefined output before starting pulse output” in Figures 10.3.1 and 10.3.2.
V3 : Cleared to “0” when interrupt request is accepted or cleared by software.
The above figure shows an example of he following conditions:
•Pulse mode 0 selected
•RTP00–RTP03 selected
•Timer A0 register set value n = 000316
Starts pulse outputting
V1
V1
V1
V1
V1
Undefined V2
Undefined V2
Undefined V2
V3
V3
V3
V3
Fig. 10.4.1 Example of real-time output operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com