Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 197Page - Renesas Technology Corp 7721 Datasheet HTML 198Page - Renesas Technology Corp 7721 Datasheet HTML 199Page - Renesas Technology Corp 7721 Datasheet HTML 200Page - Renesas Technology Corp 7721 Datasheet HTML 201Page - Renesas Technology Corp 7721 Datasheet HTML 202Page - Renesas Technology Corp 7721 Datasheet HTML 203Page - Renesas Technology Corp 7721 Datasheet HTML 204Page - Renesas Technology Corp 7721 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 577 page
background image
REAL-TIME OUTPUT
7721 Group User’s Manual
10–8
Fig. 10.3.2 Initial setting example for registers relevant to real-time output (2)
10.3 Setting of real-time output
From preceding “Figure 10.3.1”
Processing of avoiding undefined output before starting pulse output (Note)
b0
Timer A0 mode register (Address 5616)
Timer A1 mode register (Address 5716)
b7
0
Select of count source f2
0
0000
0
0
b7
Set to “000016”
b0 b7
b0
(b15)
(b8)
0016
0016
b0
b7
0
Interrupt disabled
00
0
No interrupt request
b0
Count start register (Address 4016)
b7
Timer A0 count start bit
1 : Start counting
V When Timer A0 or A1 underflows, the contents of the pulse output data register 0 or 1 are output from the flip-flop.
b0
b7
Setting Timers A0, A1
b0
b7
0
Count source select bits
000
0
0
b7
Can be set to “000016”–“FFFF16” (n)
b0 b7
b0
(b15)
(b8)
0016
0016
b0
b7
Interrupt priority level select bits
When using interrupts, set these bits to one of levels 1 to 7.
When disabling interrupts, set these bits to level 0.
0
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Continue to “Figure 10.3.3”
Note: This processing can be neglected if the system is not
affected by undefined output.
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A0 interrupt control register (Address 7516)
Timer A1 interrupt control register (Address 7616)
Timer A1 count start bit
Count start register (Address 4016)
Timer A0 count start bit
Timer A1 count start bit
0 : Stop counting
Timer A0 mode register (Address 5616)
Timer A1 mode register (Address 5716)
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A0 interrupt control register (Address 7516)
Timer A1 interrupt control register (Address 7616)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com