Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 196Page - Renesas Technology Corp 7721 Datasheet HTML 197Page - Renesas Technology Corp 7721 Datasheet HTML 198Page - Renesas Technology Corp 7721 Datasheet HTML 199Page - Renesas Technology Corp 7721 Datasheet HTML 200Page - Renesas Technology Corp 7721 Datasheet HTML 201Page - Renesas Technology Corp 7721 Datasheet HTML 202Page - Renesas Technology Corp 7721 Datasheet HTML 203Page - Renesas Technology Corp 7721 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 577 page
background image
REAL-TIME OUTPUT
7721 Group User’s Manual
10–7
10.3 Setting of real-time output
Figures 10.3.1 to 10.3.3 show an initial setting example for registers relevant to the real-time output. Note
that when using interrupts, set up to enable the interrupts. For details, refer to “CHAPTER 7. INTERRUPTS.”
10.3 Setting of real-time output
Fig. 10.3.1 Initial setting example for registers relevant to real-time output (1)
P60–P67 pins functions as the programmable I/O port.
Continue to “Figure 10.3.2”
Processing of avoiding undefined output before starting pulse output (Note)
b7
b0
Set to initial output level
of real-time output
0 : “L” level
1 : “H” level
RTP00
RTP01
RTP02
RTP03
RTP10
RTP11
RTP12
RTP13
Port P6 register (Address E16)
Setting port P6 direction register
b7
b0
Set the bits corresponding to the
selected pulse output pins to “1.”
Note: This processing can be neglected
if the system is not affected by
undefined output.
Setting pulse output mode
b7
b0
Real-time output control register (Address 6216)
0
0
Pulse output mode select bit
0 : Pulse mode 0
1 : Pulse mode 1
When pulse mode 0
is selected
Setting output data
b0
0 : “L” level
1 : “H” level
RTP00
RTP01
RTP02
RTP03
Pulse output data register 0
(Address 1A16)
b7
b0
RTP10
RTP11
RTP12
RTP13
b7
!
! : It may be either “0” or “1.”
b0
b7
b0
b7
RTP00
RTP01
RTP02
RTP03
RTP10
RTP11
RTP12
RTP13
Port P6 direction register (Address 1016)
When pulse mode 1
is selected
Setting output data
Pulse output data register 1
(Address 1C16)
!
0 : “L” level
1 : “H” level
!!
! : It may be either “0” or “1.”
RTP00
RTP01
0 : “L” level
1 : “H” level
Pulse output data register 0
(Address 1A16)
Pulse output data register 1
(Address 1C16)
0 : “L” level
1 : “H” level
RTP02
RTP03
RTP10
RTP11
RTP12
RTP13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com