Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 198Page - Renesas Technology Corp 7721 Datasheet HTML 199Page - Renesas Technology Corp 7721 Datasheet HTML 200Page - Renesas Technology Corp 7721 Datasheet HTML 201Page - Renesas Technology Corp 7721 Datasheet HTML 202Page - Renesas Technology Corp 7721 Datasheet HTML 203Page - Renesas Technology Corp 7721 Datasheet HTML 204Page - Renesas Technology Corp 7721 Datasheet HTML 205Page - Renesas Technology Corp 7721 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 577 page
background image
REAL-TIME OUTPUT
7721 Group User’s Manual
10–9
10.3 Setting of real-time output
Fig. 10.3.3 Initial setting example for registers relevant to real-time output (3)
When pulse mode 0
is selected
Continue to “Figure 10.3.2”
Setting real-time output port
b0
0 1 : RTP00–RTP03
1 0 : RTP10–RTP13
1 1 : RTP00–RTP03 and
RTP10–RTP13
Real-time output control register
(Address 6216)
b7
0
b1 b0
Pulse mode 0
Waveform output select bits
b0
b7
1
Pulse mode 1
Setting count start bit to “1”
b0
Count start register (Address 4016)
b7
Timer A0 count start bit
Pulse output starts after overflow of Timer A0 or A1
When pulse mode 1
is selected
Setting real-time output port
Real-time output control register
(Address 6216)
0 1 : RTP00, RTP01
1 0 : RTP02, RTP03 and
RTP10–RTP13
1 1 : RTP00–RTP03 and
RTP10–RTP13
b1 b0
Waveform output select bits
Timer A1 count start bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com